Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CB017D0102 Datasheet(PDF) 9 Page - AVX Corporation

No. de pieza CB017D0102
Descripción Electrónicos  Film Chip Capacitors PEN DIELECTRIC ??CB Series
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVX [AVX Corporation]
Página de inicio  http://www.avx.com
Logo AVX - AVX Corporation

CB017D0102 Datasheet(HTML) 9 Page - AVX Corporation

Back Button CB017D0102 Datasheet HTML 5Page - AVX Corporation CB017D0102 Datasheet HTML 6Page - AVX Corporation CB017D0102 Datasheet HTML 7Page - AVX Corporation CB017D0102 Datasheet HTML 8Page - AVX Corporation CB017D0102 Datasheet HTML 9Page - AVX Corporation CB017D0102 Datasheet HTML 10Page - AVX Corporation CB017D0102 Datasheet HTML 11Page - AVX Corporation CB017D0102 Datasheet HTML 12Page - AVX Corporation CB017D0102 Datasheet HTML 13Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
28
VOLTAGE Vdc: 250V Vac: 160V
Capacitance
Chip Dimensions
Reel
Range
Ordering
*Tolerances
Tape Dimensions
Reel Dimensions
Packaging Unit
Pkg
(CR)
Code
(page 6)
Code
L
W
H max
T
W
P1
K0
A
W1
W2 max
Bulk
Reel
0.0018
CB037G0182+ --
4.70
3.20
2.00
0.60
12.0
8.00
2.06
330
12.4
18.4
1500
4500
BC
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(12.99)
(0.488)
(0.724)
0.0022
CB037G0222+ --
4.70
3.20
2.00
0.60
12.0
8.00
2.06
180
12.4
18.4
1500
1200
BA
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(7.087)
(0.488)
(0.724)
4.70
3.20
2.00
0.60
12.0
8.00
2.06
330
12.4
18.4
1500
4500
BC
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(12.99)
(0.488)
(0.724)
0.0027
CB037G0272+ --
4.70
3.20
2.00
0.60
12.0
8.00
2.06
180
12.4
18.4
1500
1200
BA
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(7.087)
(0.488)
(0.724)
4.70
3.20
2.00
0.60
12.0
8.00
2.06
330
12.4
18.4
1500
4500
BC
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(12.99)
(0.488)
(0.724)
0.0033
CB037G0332+ --
4.70
3.20
2.00
0.60
12.0
8.00
2.06
180
12.4
18.4
1500
1200
BA
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(7.087)
(0.488)
(0.724)
4.70
3.20
2.00
0.60
12.0
8.00
2.06
330
12.4
18.4
1500
4500
BC
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(12.99)
(0.488)
(0.724)
0.0047
CB037G0472+ --
4.70
3.20
2.00
0.60
12.0
8.00
2.06
180
12.4
18.4
1500
1200
BA
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(7.087)
(0.488)
(0.724)
4.70
3.20
2.00
0.60
12.0
8.00
2.06
330
12.4
18.4
1500
4500
BC
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(12.99)
(0.488)
(0.724)
0.0056
CB037G0562+ --
4.70
3.20
2.00
0.60
12.0
8.00
2.06
180
12.4
18.4
1500
1200
BA
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(7.087)
(0.488)
(0.724)
4.70
3.20
2.00
0.60
12.0
8.00
2.06
330
12.4
18.4
1500
4500
BC
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(12.99)
(0.488)
(0.724)
0.0068
CB037G0682+ --
4.70
3.20
2.00
0.60
12.0
8.00
2.06
180
12.4
18.4
1500
1200
BA
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(7.087)
(0.488)
(0.724)
4.70
3.20
2.00
0.60
12.0
8.00
2.06
330
12.4
18.4
1500
4500
BC
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(12.99)
(0.488)
(0.724)
0.0082
CB037G0822+ --
4.70
3.20
2.00
0.60
12.0
8.00
2.06
180
12.4
18.4
1500
1200
BA
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(7.087)
(0.488)
(0.724)
4.70
3.20
2.00
0.60
12.0
8.00
2.06
330
12.4
18.4
1500
4500
BC
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(12.99)
(0.488)
(0.724)
0.010μF
CB037G0103+ --
4.70
3.20
2.00
0.60
12.0
8.00
2.06
180
12.4
18.4
1500
1200
BA
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(7.087)
(0.488)
(0.724)
4.70
3.20
2.00
0.60
12.0
8.00
2.06
330
12.4
18.4
1500
4500
BC
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(12.99)
(0.488)
(0.724)
0.012
CB037G0123+ --
4.70
3.20
2.00
0.60
12.0
8.00
2.06
180
12.4
18.4
1500
1200
BA
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(7.087)
(0.488)
(0.724)
4.70
3.20
2.00
0.60
12.0
8.00
2.06
330
12.4
18.4
1500
4500
BC
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(12.99)
(0.488)
(0.724)
0.015
CB037G0153+ --
4.70
3.20
2.40
0.60
12.0
8.00
2.60
180
12.4
18.4
1500
900
BA
(0.185)
(0.126)
(0.094)
(0.024)
(0.472)
(0.315)
(0.102)
(7.087)
(0.488)
(0.724)
4.70
3.20
2.40
0.60
12.0
8.00
2.60
330
12.4
18.4
1500
3600
BC
(0.185)
(0.126)
(0.094)
(0.024)
(0.472)
(0.315)
(0.102)
(12.99)
(0.488)
(0.724)
0.018
CB037G0183+ --
4.70
3.20
2.50
0.60
12.0
8.00
2.60
180
12.4
18.4
1500
900
BA
(0.185)
(0.126)
(0.099)
(0.024)
(0.472)
(0.315)
(0.102)
(7.087)
(0.488)
(0.724)
4.70
3.20
2.50
0.60
12.0
8.00
2.60
330
12.4
18.4
1500
3600
BC
(0.185)
(0.126)
(0.099)
(0.024)
(0.472)
(0.315)
(0.102)
(12.99)
(0.488)
(0.724)
Film Chip Capacitors
PEN DIELECTRIC – CB Series
CAPACITANCE VALUES (CR) AND NOMINAL VOLTAGES (VR)
millimeters (inches)
W
L
H
T
For other Values: upon request
Replace the + by the tolerance code:
J = 5% or K = 10%
Replace the -- by the packaging suffix: -- = bulk
BA or BC = tape & reel


Número de pieza similar - CB017D0102

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVX Corporation
CB017D0102 AVX-CB017D0102 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
More results

Descripción similar - CB017D0102

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVX Corporation
CB017C0102 AVX-CB017C0102 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
CB052E0105JBC AVX-CB052E0105JBC Datasheet
744Kb / 10P
   Film Chip Capacitors PET-HT DIELECTRIC ??CB Series
logo
Panasonic Battery Group
ECWU1C124JC9 PANASONICBATTERY-ECWU1C124JC9_1 Datasheet
472Kb / 13P
   Film Chip Capacitor Stacked metallized PEN film as dielectric with simple mold - less construction
logo
Panasonic Semiconductor
ECW-U1563JC9 PANASONIC-ECW-U1563JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1C474JC9 PANASONIC-ECW-U1C474JC9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2105KCZ PANASONIC-ECW-U2105KCZ Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1104V33 PANASONIC-ECWU1104V33 Datasheet
674Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1104JC9 PANASONIC-ECW-U1104JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1102JX5 PANASONIC-ECWU1102JX5_16 Datasheet
56Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECWU2102V16 PANASONIC-ECWU2102V16_16 Datasheet
52Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com