Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CB037D0182 Datasheet(PDF) 2 Page - AVX Corporation |
|
CB037D0182 Datasheet(HTML) 2 Page - AVX Corporation |
2 / 19 page 21 Film Chip Capacitors PEN DIELECTRIC – CB Series CAPACITANCE VALUES (CR) AND NOMINAL VOLTAGES (VR) VOLTAGE Vdc: 25V Vac: 16V Capacitance Chip Dimensions Reel Range Ordering *Tolerances Tape Dimensions Reel Dimensions Packaging Unit Pkg (CR) Code (page 6) Code L W H max T W P1 K0 A W1 W2 max Bulk Reel 0.001μF CB017C0102+ -- 3.30 1.60 1.15 0.50 8.00 4.00 1.20 180 8.40 14.4 2000 3900 BA (0.130) (0.063) (0.045) (0.020) (0.315) (0.158) (0.047) (7.087) (0.331) (0.567) 0.0012 CB017C0122+ -- 3.30 1.60 1.15 0.50 8.00 4.00 1.20 180 8.40 14.4 2000 3900 BA (0.130) (0.063) (0.045) (0.020) (0.315) (0.158) (0.047) (7.087) (0.331) (0.567) 0.0015 CB017C0152+ -- 3.30 1.60 1.15 0.50 8.00 4.00 1.20 180 8.40 14.4 2000 3900 BA (0.130) (0.063) (0.045) (0.020) (0.315) (0.158) (0.047) (7.087) (0.331) (0.567) 0.0018 CB017C0182+ -- 3.30 1.60 1.15 0.50 8.00 4.00 1.20 180 8.40 14.4 2000 3900 BA (0.130) (0.063) (0.045) (0.020) (0.315) (0.158) (0.047) (7.087) (0.331) (0.567) 0.0022 CB017C0222+ -- 3.30 1.60 1.15 0.50 8.00 4.00 1.20 180 8.40 14.4 2000 3900 BA (0.130) (0.063) (0.045) (0.020) (0.315) (0.158) (0.047) (7.087) (0.331) (0.567) 0.0027 CB017C0272+ -- 3.30 1.60 1.15 0.50 8.00 4.00 1.20 180 8.40 14.4 2000 3900 BA (0.130) (0.063) (0.045) (0.020) (0.315) (0.158) (0.047) (7.087) (0.331) (0.567) 0.0033 CB017C0332+ -- 3.30 1.60 1.15 0.50 8.00 4.00 1.20 180 8.40 14.4 2000 3900 BA (0.130) (0.063) (0.045) (0.020) (0.315) (0.158) (0.047) (7.087) (0.331) (0.567) 0.0047 CB017C0472+ -- 3.30 1.60 1.15 0.50 8.00 4.00 1.20 180 8.40 14.4 2000 3900 BA (0.130) (0.063) (0.045) (0.020) (0.315) (0.158) (0.047) (7.087) (0.331) (0.567) 0.0056 CB017C0562+ -- 3.30 1.60 1.15 0.50 8.00 4.00 1.20 180 8.40 14.4 2000 3900 BA (0.130) (0.063) (0.045) (0.020) (0.315) (0.158) (0.047) (7.087) (0.331) (0.567) 0.0068 CB017C0682+ -- 3.30 1.60 1.15 0.50 8.00 4.00 1.20 180 8.40 14.4 2000 3900 BA (0.130) (0.063) (0.045) (0.020) (0.315) (0.158) (0.047) (7.087) (0.331) (0.567) 0.0082 CB017C0822+ -- 3.30 1.60 1.15 0.50 8.00 4.00 1.20 180 8.40 14.4 2000 3900 BA (0.130) (0.063) (0.045) (0.020) (0.315) (0.158) (0.047) (7.087) (0.331) (0.567) 0.010μF CB017C0103+ -- 3.30 1.60 1.15 0.50 8.00 4.00 1.20 180 8.40 14.4 2000 3900 BA (0.130) (0.063) (0.045) (0.020) (0.315) (0.158) (0.047) (7.087) (0.331) (0.567) 0.012 CB017C0123+ -- 3.30 1.60 1.15 0.50 8.00 4.00 1.20 180 8.40 14.4 2000 3900 BA (0.130) (0.063) (0.045) (0.020) (0.315) (0.158) (0.047) (7.087) (0.331) (0.567) 0.015 CB017C0153+ -- 3.30 1.60 1.15 0.50 8.00 4.00 1.20 180 8.40 14.4 2000 3900 BA (0.130) (0.063) (0.045) (0.020) (0.315) (0.158) (0.047) (7.087) (0.331) (0.567) 0.018 CB017C0183+ -- 3.30 1.60 1.15 0.50 8.00 4.00 1.20 180 8.40 14.4 2000 3900 BA (0.130) (0.063) (0.045) (0.020) (0.315) (0.158) (0.047) (7.087) (0.331) (0.567) 0.022 CB017C0223+ -- 3.30 1.60 1.15 0.50 8.00 4.00 1.20 180 8.40 14.4 2000 3900 BA (0.130) (0.063) (0.045) (0.020) (0.315) (0.158) (0.047) (7.087) (0.331) (0.567) 0.027 CB027C0273+ -- 3.30 2.50 1.80 0.50 8.00 4.00 1.90 180 8.40 14.4 2000 2500 BA (0.130) (0.098) (0.071) (0.020) (0.315) (0.158) (0.075) ( 7.087) (0.331) (0.567) 0.033 CB027C0333+ -- 3.30 2.50 1.80 0.50 8.00 4.00 1.90 180 8.40 14.4 2000 2500 BA (0.130) (0.098) (0.071) (0.020) (0.315) (0.158) (0.075) ( 7.087) (0.331) (0.567) 0.047 CB027C0473+ -- 3.30 2.50 1.80 0.50 8.00 4.00 1.90 180 8.40 14.4 2000 2500 BA (0.130) (0.098) (0.071) (0.020) (0.315) (0.158) (0.075) ( 7.087) (0.331) (0.567) 0.056 CB027C0563+ -- 3.30 2.50 1.80 0.50 8.00 4.00 1.90 180 8.40 14.4 2000 2500 BA (0.130) (0.098) (0.071) (0.020) (0.315) (0.158) (0.075) ( 7.087) (0.331) (0.567) 0.068 CB027C0683+ -- 3.30 2.50 1.80 0.50 8.00 4.00 1.90 180 8.40 14.4 2000 2500 BA (0.130) (0.098) (0.071) (0.020) (0.315) (0.158) (0.075) ( 7.087) (0.331) (0.567) 0.082 CB027C0823+ -- 3.30 2.50 2.20 0.50 8.00 4.00 2.33 180 8.40 14.4 2000 2000 BA (0.130) (0.098) (0.087) (0.020) (0.315) (0.158) (0.092) ( 7.087) (0.331) (0.567) 0.100μF CB027C0104+ -- 3.30 2.50 2.30 0.50 8.00 4.00 2.33 180 8.40 14.4 2000 2000 BA (0.130) (0.098) (0.091) (0.020) (0.315) (0.158) (0.092) ( 7.087) (0.331) (0.567) For other Values: upon request Replace the + by the tolerance code: J = 5% or K = 10% Replace the -- by the packaging suffix: -- = bulk BA = tape & reel millimeters (inches) W L H T |
Número de pieza similar - CB037D0182 |
|
Descripción similar - CB037D0182 |