Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CB047G0563 Datasheet(PDF) 6 Page - AVX Corporation |
|
CB047G0563 Datasheet(HTML) 6 Page - AVX Corporation |
6 / 19 page 25 VOLTAGE Vdc: 63V Vac: 40V Capacitance Chip Dimensions Reel Range Ordering *Tolerances Tape Dimensions Reel Dimensions Packaging Unit Pkg (CR) Code (page 6) Code L W H max T W P1 K0 A W1 W2 max Bulk Reel 0.120 CB037D0124+ -- 4.70 3.20 2.30 0.60 12.0 8.00 2.60 180 12.4 18.4 1500 900 BA (0.185) (0.126) (0.091) (0.024) (0.472) (0.315) (0.102) (7.087) (0.488) (0.724) 4.70 3.20 2.30 0.60 12.0 8.00 2.60 330 12.4 18.4 1500 3600 BC (0.185) (0.126) (0.091) (0.024) (0.472) (0.315) (0.102) (12.99) (0.488) (0.724) 0.150 CB037D0154+ -- 4.70 3.20 2.00 0.60 12.0 8.00 2.06 180 12.4 18.4 1500 1200 BA (0.185) (0.126) (0.079) (0.024) (0.472) (0.315) (0.081) (7.087) (0.488) (0.724) 4.70 3.20 2.00 0.60 12.0 8.00 2.06 330 12.4 18.4 1500 4500 BC (0.185) (0.126) (0.079) (0.024) (0.472) (0.315) (0.081) (12.99) (0.488) (0.724) 0.180 CB037D0184+ -- 4.70 3.20 2.40 0.60 12.0 8.00 2.60 180 12.4 18.4 1500 900 BA (0.185) (0.126) (0.095) (0.024) (0.472) (0.315) (0.102) ( 7.087) (0.488) (0.724) 4.70 3.20 2.40 0.60 12.0 8.00 2.60 330 12.4 18.4 1500 3600 BC (0.185) (0.126) (0.095) (0.024) (0.472) (0.315) (0.102) (12.99) (0.488) (0.724) 0.220 CB037D0224+ -- 4.70 3.20 3.00 0.60 12.0 8.00 3.10 180 12.4 18.4 1500 700 BA (0.185) (0.126) (0.118) (0.024) (0.472) (0.315) (0.122) ( 7.087) (0.488) (0.724) 4.70 3.20 3.00 0.60 12.0 8.00 3.10 330 12.4 18.4 1500 3000 BC (0.185) (0.126) (0.118) (0.024) (0.472) (0.315) (0.122) (12.99) (0.488) (0.724) 0.330 CB047D0334+ -- 5.80 5.00 4.00 0.80 16.0 8.00 4.10 330 12.4 18.4 1500 2300 BC (0.228) (0.195) (0.158) (0.031) (0.629) (0.315) (0.162) (12.99) (0.488) (0.724) 0.470 CB047D0474+ -- 5.80 5.00 4.00 0.80 12.0 8.00 4.10 330 12.4 18.4 1500 2300 BC (0.228) (0.195) (0.158) (0.031) (0.472) (0.315) (0.162) (12.99) (0.488) (0.724) 0.560 CB047D0564+ -- 5.80 5.00 2.50 0.80 12.0 8.00 3.10 330 12.4 18.4 1500 3000 BC (0.228) (0.195) (0.099) (0.031) (0.472) (0.315) (0.122) (12.99) (0.488) (0.724) 0.680 CB047D0684+ -- 5.80 5.00 3.90 0.80 12.0 8.00 4.10 330 12.4 18.4 1500 2300 BC (0.228) (0.195) (0.154) (0.031) (0.472) (0.315) (0.162) (12.99) (0.488) (0.724) 0.82* CB057D0824+ -- 7.30 6.10 4.40 0.80 16.0 12.0 5.23 330 16.4 22.4 1000 1100 BC (0.287) (0.240) (0.173) (0.031) (0.629) (0.472) (0.206) (12.99) (0.645) (0.881) 1μF* CB057D0105+ -- 7.30 6.10 4.70 0.80 16.0 12.0 4.80 330 16.4 22.4 1000 1800 BC (0.287) (0.240) (0.185) (0.031) (0.629) (0.472) (0.189) (12.99) (0.645) (0.881) 1.5* CB057D0155+ -- 7.30 6.10 4.70 0.80 16.0 12.0 4.80 330 16.4 22.4 1000 1800 BC (0.287) (0.240) (0.185) (0.031) (0.629) (0.472) (0.189) (12.99) (0.645) (0.881) 2.2 CB167D0225+ -- 10.5 7.60 6.10 0.80 24.0 12.0 6.19 330 24.4 30.4 500 900 BC (0.413) (0.299) (0.240) (0.032) (0.944) (0.472) (0.244) (12.99) (0.961) (1.196) 2.7 CB177D0275+ -- 12.8 10.2 6.70 0.80 24.0 16.0 7.00 330 24.4 30.4 300 600 BC (0.503) (0.402) (0.264) (0.032) (0.944) (0.629) (0.274) (12.99) (0.961) (1.196) 3.3 CB187D0335+ -- 15.3 13.7 5.30 0.80 24.0 24.0 6.30 330 24.4 30.4 300 400 BC (0.601) (0.539) (0.209) (0.032) (0.944) (0.944) (0.248) (12.99) (0.961) (1.196) 4.7 CB187D0475+ -- 15.3 13.7 7.20 0.80 24.0 24.0 7.60 330 24.4 30.4 300 300 BC (0.601) (0.539) (0.283) (0.032) (0.944) (0.944) (0.299) (12.99) (0.961) (1.196) VOLTAGE Vdc: 100V Vac: 63V 0.001μF CB017E0102+ -- 3.30 1.60 1.15 0.50 8.00 4.00 1.20 180 8.40 14.4 2000 3900 BA (0.130) (0.063) (0.045) (0.020) (0.315) (0.158) (0.047) (7.087) (0.331) (0.567) 0.0012 CB017E0122+ -- 3.30 1.60 1.15 0.50 8.00 4.00 1.20 180 8.40 14.4 2000 3900 BA (0.130) (0.063) (0.045) (0.020) (0.315) (0.158) (0.047) (7.087) (0.331) (0.567) 0.0015 CB017E0152+ -- 3.30 1.60 1.15 0.50 8.00 4.00 1.20 180 8.40 14.4 2000 3900 BA (0.130) (0.063) (0.045) (0.020) (0.315) (0.158) (0.047) (7.087) (0.331) (0.567) 0.0018 CB017E0182+ -- 3.30 1.60 1.15 0.50 8.00 4.00 1.20 180 8.40 14.4 2000 3900 BA (0.130) (0.063) (0.045) (0.020) (0.315) (0.158) (0.047) (7.087) (0.331) (0.567) Film Chip Capacitors PEN DIELECTRIC – CB Series CAPACITANCE VALUES (CR) AND NOMINAL VOLTAGES (VR) W L H T For other Values: upon request *Special length: 7.3 +0.7/-0.3 (0.287 +0.026/-0.012) Replace the + by the tolerance code: J = 5% or K = 10% Replace the -- by the packaging suffix: -- = bulk BA or BC = tape & reel |
Número de pieza similar - CB047G0563 |
|
Descripción similar - CB047G0563 |