Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCR03EZPFX2491 Datasheet(PDF) 9 Page - International Rectifier

No. de pieza MCR03EZPFX2491
Descripción Electrónicos  HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX2491 Datasheet(HTML) 9 Page - International Rectifier

Back Button MCR03EZPFX2491 Datasheet HTML 5Page - International Rectifier MCR03EZPFX2491 Datasheet HTML 6Page - International Rectifier MCR03EZPFX2491 Datasheet HTML 7Page - International Rectifier MCR03EZPFX2491 Datasheet HTML 8Page - International Rectifier MCR03EZPFX2491 Datasheet HTML 9Page - International Rectifier MCR03EZPFX2491 Datasheet HTML 10Page - International Rectifier MCR03EZPFX2491 Datasheet HTML 11Page - International Rectifier MCR03EZPFX2491 Datasheet HTML 12Page - International Rectifier MCR03EZPFX2491 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Rev 11.0
PD-97505
IR3840AMPbF
9
Typical Efficiency and Power Loss Curves
Vin=5V, Vcc=5V, Io=2A-14A, F
s=600kHz, Room Temperature, No Air Flow
The table below shows the inductors used for each of the output voltages
in the efficiency measurement.
78
80
82
84
86
88
90
92
94
96
98
12
3
4
56
7
8
9
10
11
12
13
14
Load Current (A)
0.7V
0.75V
0.9V
1.0V
1.1V
1.2V
1.5V
1.8V
2.5V
3.3V
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
123456789
10
11
12
13
14
Load Current (A)
0.7V
0.75V
0.9V
1.0V
1.1V
1.2V
1.5V
1.8V
2.5V
3.3V
Vout (V)
L(
μH)
P/N
DCR (m
Ω)
0.70
0.22
59PR9873N
0.29
0.75
0.22
59PR9873N
0.29
0.90
0.22
59PR9873N
0.29
1.00
0.22
59PR9873N
0.29
1.10
0.3
59PR9874N
0.29
1.20
0.3
59PR9874N
0.29
1.50
0.3
59PR9874N
0.29
1.80
0.4
59PR9875N
0.29
2.50
0.4
59PR9875N
0.29
3.30
0.4
59PR9875N
0.29


Número de pieza similar - MCR03EZPFX2491

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
MCR03EZPFX2491 IRF-MCR03EZPFX2491 Datasheet
758Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
More results

Descripción similar - MCR03EZPFX2491

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IR3840M IRF-IR3840M_15 Datasheet
924Kb / 32P
   HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
IR3840MPBF IRF-IR3840MPBF Datasheet
924Kb / 32P
   HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
IR3840WM IRF-IR3840WM_15 Datasheet
776Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
IR3840WMPBF IRF-IR3840WMPBF Datasheet
757Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
IR3842WM IRF-IR3842WM_15 Datasheet
758Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3843AMPBF IRF-IR3843AMPBF Datasheet
739Kb / 33P
   HIGHLY EFFICIENT INTEGRATED 3A SYNCHRONOUS BUCK REGULATOR
IR3843WMPBF IRF-IR3843WMPBF_12 Datasheet
750Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 2A SYNCHRONOUS BUCK REGULATOR
IR3840AMPBF IRF-IR3840AMPBF Datasheet
793Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
IR3842WMPBF IRF-IR3842WMPBF_12 Datasheet
758Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3841WMPBF IRF-IR3841WMPBF Datasheet
757Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com