Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA4558FV-TR Datasheet(PDF) 3 Page - Rohm

No. de pieza BA4558FV-TR
Descripción Electrónicos  Low Noise Operational Amplifiers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA4558FV-TR Datasheet(HTML) 3 Page - Rohm

  BA4558FV-TR Datasheet HTML 1Page - Rohm BA4558FV-TR Datasheet HTML 2Page - Rohm BA4558FV-TR Datasheet HTML 3Page - Rohm BA4558FV-TR Datasheet HTML 4Page - Rohm BA4558FV-TR Datasheet HTML 5Page - Rohm BA4558FV-TR Datasheet HTML 6Page - Rohm BA4558FV-TR Datasheet HTML 7Page - Rohm BA4558FV-TR Datasheet HTML 8Page - Rohm BA4558FV-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200010-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
3/26
4.SEP.2012 Rev.003
TSZ22111・15・00
BA4558xxx, BA4558Rxxx
●Absolute Maximum Ratings (Ta=25℃)
○BA4558, BA4558R
Parameter
Symbol
Ratings
Unit
BA4558
BA4558R
Supply Voltage
VCC-VEE
+36
V
Power dissipation
Pd
SOP8
552
*1*5
690
*1*5
mW
SSOP-B8
500
*2*5
625
*2*5
TSSOP-B8
500
*2*5
625
*2*5
MSOP8
470
*3*5
587
*3*5
SOP-J8
540
*4*5
675
*4*5
Differential Input Voltage
*5
Vid
VCC-VEE
+36
V
Input common-mode voltage range
Vicm
VEE to VCC
(VEE-0.3) to VEE+36
V
Operating Supply Voltage
Vopr
+8 to +30 (±4 to ±15)
V
Operating Temperature
Topr
-40 to +85
-40 to +105
Storage Temperature
Tstg
-55 to +125
-55 to +150
Maximum Junction Temperature
Tjmax
+125
+150
Note: Absolute maximum rating item indicates the condition which must not be exceeded.
Application of voltage in excess of absolute maximum rating or use out absolute maximum rated temperature environment
may cause deterioration of characteristics.
*1
To use at temperature above Ta=25℃ reduce 5.52mW.
*2
To use at temperature above Ta=25℃ reduce 5mW.
*3
To use at temperature above Ta=25℃ reduce 4.7mW.
*4
To use at temperature above Ta=25℃ reduce 5.4mW.
*5
Mounted on a FR4 glass epoxy PCB(70mm×70mm×1.6mm).
*6
The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.


Número de pieza similar - BA4558FV-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA4558FV-E2 ROHM-BA4558FV-E2 Datasheet
561Kb / 29P
   Low Noise Operational Amplifiers
4.SEP.2012 Rev.003
More results

Descripción similar - BA4558FV-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
   Low Noise Operational Amplifiers
BA2107G ROHM-BA2107G_14 Datasheet
2Mb / 35P
   Low Noise Operational Amplifiers
BA8522RF-E2 ROHM-BA8522RF-E2 Datasheet
690Kb / 26P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com