Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD7888ARUZ Datasheet(PDF) 11 Page - Analog Devices |
|
AD7888ARUZ Datasheet(HTML) 11 Page - Analog Devices |
11 / 17 page AD7888 –11– MODES OF OPERATION The AD7888 has a number of different modes of operation. These are designed to provide flexible power management options. These options can be chosen to optimize the power dissipation/throughput rate ratio for differing application require- ments. The modes of operation are controlled by the PM1 and PM0 bits of the Control Register as outlined previously. Normal Mode (PM1 = 0, PM0 = 0) This mode is intended for fastest throughput rate performance as the user does not have to worry about any power-up times with the AD7888 remaining fully powered all the time. Figure 13 shows the general diagram of the operation of the AD7888 in this mode. The data presented to the AD7888 on the DIN line during the first eight clock cycles of the data transfer are loaded to the Control Register. The part will remain powered up at the end of the conversion as long as PM1 and PM0 were set to zero in the write during that conversion. To continue to operate in this mode, the user must ensure that PM1 and PM0 are both loaded with 0 on every data transfer. The falling edge of CS initiates the sequence and the input signal is sampled on the second rising edge of the SCLK input. Sixteen serial clock cycles are required to complete the conver- sion and access the conversion result. Once a data transfer is complete ( CS has returned high), another conversion can be initiated immediately by bringing CS low again. Full Shutdown (PM1 = 0, PM0 = 1) In this mode, all internal circuitry on the AD7888, including the on-chip reference, is powered-down. The part retains the infor- mation in the Control Register during full shutdown. The part remains in full shutdown until the power management bits are changed. If the power management bits are changed to PM1 = 1 and PM0 = 0, i.e., the autoshutdown mode, the part will remain in shutdown (now in autoshutdown) but will power up once a conversion is initiated after that (see Power-Up Times section). The part changes mode as soon as the control register has been updated, so if the part is in full shutdown mode and the power management bits are changed to PM1 = PM0 = 0, i.e., normal mode, then the part will power up on the 16th SCLK rising edge. Autoshutdown (PM1 = 1, PM0 = 0) In this mode, the AD7888 automatically enters its power-down mode at the end of every conversion. Figure 14a shows the general diagram of the operation of the AD7888 in this mode. When CS goes from high to low, all on-chip circuitry will start to power up on the next falling edge of SCLK. On the sixteenth SCLK rising edge the part will power down again. It takes approximately 5 µs for the AD7888 internal circuitry to be fully powered up. As a result, a conversion (or sample-and-hold acquisition) should not be initiated during this 5 µs. The input signal is sampled on the second rising edge of SCLK following the CS falling edge. The user should ensure that 5 µs elapse between the first falling edge of SCLK after the falling edge of SCLK 4 LEADING ZEROES + CONVERSION RESULT CS DOUT DATA IN DIN THE PART REMAINS POWERED UP AT ALL TIMES AS PM1 AND PM0 = 0 1 16 CONTROL REGISTER DATA IS LOADED ON THE FIRST 8 CLOCKS. PM1 AND PM0 = 0 TO KEEP THE PART IN THIS MODE Figure 13. Normal-Mode Operation SCLK 4 LEADING ZEROES + CONVERSION RESULT CS DOUT DATA IN DIN THE PART POWERS UP FROM SHUTDOWN ON SCLK FALLING EDGE AS PM1 = 1 AND PM0 = 0 1 16 4 LEADING ZEROES + CONVERSION RESULT DATA IN 1 16 2 t10 = 5 s THE PART ENTERS SHUTDOWN AT THE END OF CONVERSION AS PM1 = 1 AND PM0 = 0 CONTROL REGISTER DATA IS LOADED ON THE FIRST 8 CLOCKS. PM1 = 1 AND PM0 = 0 PM1 = 1 AND PM0 = 0 TO KEEP THE PART IN THIS MODE Figure 14a. Autoshutdown Operation REV. C |
Número de pieza similar - AD7888ARUZ |
|
Descripción similar - AD7888ARUZ |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |