Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM4559F Datasheet(PDF) 3 Page - Rohm

No. de pieza LM4559F
Descripción Electrónicos  Low Noise Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

LM4559F Datasheet(HTML) 3 Page - Rohm

  LM4559F Datasheet HTML 1Page - Rohm LM4559F Datasheet HTML 2Page - Rohm LM4559F Datasheet HTML 3Page - Rohm LM4559F Datasheet HTML 4Page - Rohm LM4559F Datasheet HTML 5Page - Rohm LM4559F Datasheet HTML 6Page - Rohm LM4559F Datasheet HTML 7Page - Rohm LM4559F Datasheet HTML 8Page - Rohm LM4559F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200580-1-2
©2012 ROHM Co., Ltd. All rights reserved.
3/17
1.NOV.2012 Rev.001
TSZ22111・15・001
LM4559F
●Electrical Characteristics:
○LM4559F (Unless otherwise specified VCC=+15V, VEE=-15V)
Parameter
Symbol
Temperature
Range
Limits
Unit
Condition
Min.
Typ.
Max.
Input Offset Voltage
*4*5
Vio
25°C
-
0.5
1.5
mV
OUT=0V
Input Offset Current
*4*5
Iio
25°C
-
5
100
nA
OUT=0V
Input Bias Current
*4*5
Ib
25°C
-
40
200
nA
OUT=0V
Input Common-mode Voltage
Range
Vicm
25°C
±12
±13
-
V
Maximum Output Voltage
*5
VOM
25°C
±12
±13
-
V
RL
≥2kΩ
±11
±12.5
-
RL = 600
Large Signal Voltage Gain
*5
Av
25°C
20
300
-
V/mV
OUT=±10V, RL=2k
25°C
86
110
-
dB
Supply Current
*5
ICC
25°C
-
3.3
5.0
mA
RL=∞, All Op-Amps
Full range
-
-
6.5
Maximum Output Swing
Bandwidth
Bom
25°C
-
32
-
kHz
OUTP-P = 20V,
RL=2k
Unity Gain Frequency
fT
25°C
-
3.3
-
MHz
RL=2k
Gain Band Width
GBW
25°C
-
4
-
MHz
RL=2k
Ω, f=1MHz
Phase margin
θ
25°C
-
50
-
deg
RL=2k
Common-mode Rejection Ratio
CMRR
25°C
80
100
-
dB
OUT=0V
Power Supply Rejection Ratio
PSRR
25°C
82
100
-
dB
OUT=0V
Equivalent Input Noise Voltage
Vn
25°C
-
0.7
-
µVrms
Av= 40dB, RS=1k
f=20Hz to 20kHz
-
5
-
Hz
nV/
Vicm=0V, f=1kHz
Total Harmonic Distortion+ Noise
THD+N
25°C
-
0.002
-
%
f=1kHz, RL=2k
Ω,
Channel Separation
CS
25°C
-
110
-
dB
Av=40dB, RS=1k
f=10kHz
Slew Rate
SR
25°C
1.5
3.5
-
V/µS
RL=2k
Ω, CL=100pF
*4
Absolute value.
*5
Full range: Ta=-40°C to +85°C


Número de pieza similar - LM4559F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
LM4559F ROHM-LM4559F Datasheet
849Kb / 29P
   Low Noise Operational Amplifier
LM4559F-E2 ROHM-LM4559F-E2 Datasheet
849Kb / 29P
   Low Noise Operational Amplifier
LM4559FJ ROHM-LM4559FJ Datasheet
849Kb / 29P
   Low Noise Operational Amplifier
LM4559FJ-E2 ROHM-LM4559FJ-E2 Datasheet
849Kb / 29P
   Low Noise Operational Amplifier
LM4559FV ROHM-LM4559FV Datasheet
849Kb / 29P
   Low Noise Operational Amplifier
More results

Descripción similar - LM4559F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
LM4565F ROHM-LM4565F Datasheet
379Kb / 20P
   Low Noise Operational Amplifier
logo
Toshiba Semiconductor
TC75S61TU TOSHIBA-TC75S61TU Datasheet
206Kb / 7P
   Single Operational Amplifier (Low Noise Operational Amplifier)
TC75S63TU TOSHIBA-TC75S63TU Datasheet
243Kb / 9P
   Single Operational Amplifier (Low Noise Operational Amplifier)
logo
Rohm
LM4559F-E2 ROHM-LM4559F-E2 Datasheet
849Kb / 29P
   Low Noise Operational Amplifier
LM4565F-E2 ROHM-LM4565F-E2 Datasheet
696Kb / 28P
   Low Noise Operational Amplifier
BA15532F ROHM-BA15532F Datasheet
571Kb / 22P
   Low Noise Operational Amplifier
LM4565XXX ROHM-LM4565XXX Datasheet
694Kb / 27P
   Low Noise Operational Amplifier
15.Apr.2014 Rev.003
logo
Toshiba Semiconductor
TC75S67TU TOSHIBA-TC75S67TU Datasheet
1Mb / 11P
   Single Operational Amplifier (Ultra Low Noise Operational Amplifier)
2019-08-19 Rev1.4
logo
STMicroelectronics
MC33079 STMICROELECTRONICS-MC33079_08 Datasheet
142Kb / 12P
   Low noise quad operational amplifier
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
   Dual Low-Noise Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com