Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM4565F-E2 Datasheet(PDF) 3 Page - Rohm

No. de pieza LM4565F-E2
Descripción Electrónicos  Low Noise Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

LM4565F-E2 Datasheet(HTML) 3 Page - Rohm

  LM4565F-E2 Datasheet HTML 1Page - Rohm LM4565F-E2 Datasheet HTML 2Page - Rohm LM4565F-E2 Datasheet HTML 3Page - Rohm LM4565F-E2 Datasheet HTML 4Page - Rohm LM4565F-E2 Datasheet HTML 5Page - Rohm LM4565F-E2 Datasheet HTML 6Page - Rohm LM4565F-E2 Datasheet HTML 7Page - Rohm LM4565F-E2 Datasheet HTML 8Page - Rohm LM4565F-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200590-1-2
©2012 ROHM Co., Ltd. All rights reserved.
3/17
30.NOV.2012 Rev.001
TSZ22111・15・001
LM4565F
●Electrical Characteristics:
○LM4565F (Unless otherwise specified VCC = +15V, VEE = -15V)
Parameter
Symbol
Temperature
Range
Limits
Unit
Condition
Min.
Typ.
Max.
Input Offset Voltage
*4*5
Vio
25°C
-
0.5
1.5
mV
RS
≤10kΩ
Input Offset Current
*4
Iio
25°C
-
2
50
nA
-
Input Bias Current
*4
Ib
25°C
-
70
250
nA
-
Supply Current
*5
ICC
25°C
-
4.5
7
mA
RL=∞, All Op-Amps,
VIN+=0V
Full range
-
-
8.5
Large Signal Voltage Gain
Av
25°C
86
100
-
dB
RL
≥2kΩ, OUT =±10V
Maximum Output Voltage
VOM
25°C
±12
±14
-
V
RL
≥2kΩ
25°C
±11
±12.5
-
V
Io
≥25mA
Input Common-mode Voltage Range
Vicm
25°C
±12
±14
-
V
-
Output Source Current
*6
IOH
25°C
-
130
-
mA
VIN+=1V, VIN-=0V
OUT=-15V,
1CH is short circuit
Output Sink Current
*6
IOL
25°C
-
160
-
mA
VIN+=0V,VIN-=1V
OUT=+15V,
1CH is short circuit
Common-mode Rejection Ratio
CMRR
25°C
80
100
-
dB
RL
≤10kΩ
Power Supply Rejection Ratio
PSRR
25°C
82
100
-
dB
RL
≤10kΩ
Slew Rate
SR
25°C
-
5
-
V/
μs
RL=2k
Ω, CL=100pF
Unity Gain Frequency
fT
25°C
4
MHz
RL=2k
Gain Band Width
GBW
25°C
-
10
-
MHz
RL=2k
Ω, f=100kHz
Phase Margin
θ
25°C
-
40
-
deg
RL=2k
Equivalent Input Noise Voltage
Vn
25°C
-
0.6
-
µVrms
RIAA, RS=100
DIN-AUDIO
-
5
-
Hz
nV/
Vicm=0V, f=1kHz
Total Harmonic Distortion+ Noise
THD+N
25°C
-
0.002
-
%
Av=20dB,
OUT=0.1Vrms,
f=1kHz
Channel Separation
CS
25°C
-
110
-
dB
Av=40dB, RS=1k
f=1kHz
*4
Absolute value.
*5
Full range: Ta=-40°C to +85°C
*6
Please consider the power dissipation when selecting the output current.
When the output terminal is continuously shorted the output current reduces the internal temperature by flushing.


Número de pieza similar - LM4565F-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
LM4565F-E2 ROHM-LM4565F-E2 Datasheet
696Kb / 28P
   Low Noise Operational Amplifier
LM4565F-E2 ROHM-LM4565F-E2 Datasheet
694Kb / 27P
   Low Noise Operational Amplifier
15.Apr.2014 Rev.003
More results

Descripción similar - LM4565F-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
LM4559F ROHM-LM4559F Datasheet
380Kb / 20P
   Low Noise Operational Amplifier
logo
Toshiba Semiconductor
TC75S61TU TOSHIBA-TC75S61TU Datasheet
206Kb / 7P
   Single Operational Amplifier (Low Noise Operational Amplifier)
TC75S63TU TOSHIBA-TC75S63TU Datasheet
243Kb / 9P
   Single Operational Amplifier (Low Noise Operational Amplifier)
logo
Rohm
LM4559F-E2 ROHM-LM4559F-E2 Datasheet
849Kb / 29P
   Low Noise Operational Amplifier
LM4565F-E2 ROHM-LM4565F-E2 Datasheet
696Kb / 28P
   Low Noise Operational Amplifier
BA15532F ROHM-BA15532F Datasheet
571Kb / 22P
   Low Noise Operational Amplifier
LM4565XXX ROHM-LM4565XXX Datasheet
694Kb / 27P
   Low Noise Operational Amplifier
15.Apr.2014 Rev.003
logo
Toshiba Semiconductor
TC75S67TU TOSHIBA-TC75S67TU Datasheet
1Mb / 11P
   Single Operational Amplifier (Ultra Low Noise Operational Amplifier)
2019-08-19 Rev1.4
logo
STMicroelectronics
MC33079 STMICROELECTRONICS-MC33079_08 Datasheet
142Kb / 12P
   Low noise quad operational amplifier
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
   Dual Low-Noise Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com