Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BU7486SFVM-TR Datasheet(PDF) 8 Page - Rohm |
|
BU7486SFVM-TR Datasheet(HTML) 8 Page - Rohm |
8 / 42 page Datasheet www.rohm.com TSZ02201-0RAR1G200380-1-2 © 2013 ROHM Co., Ltd. All rights reserved. 8/39 12.JUL.2013 Rev.001 TSZ22111・15・001 BU7485G BU7485SG BU7486xxx BU7486Sxxx BU7487xx BU7487Sxx Typical Performance Curves ○BU7485G, BU7485SG (*)The above characteristics are measurements of typical sample, they are not guaranteed. BU7485G: -40 C to +85C BU7485SG: -40C to +105C 0 0.2 0.4 0.6 0.8 025 50 75 100 125 AMBIENT TEMPERATURE [°C] 0 0.2 0.4 0.6 0.8 0 25 50 75 100 125 AMBIENT TEMPERATURE [°C] 0 1 2 3 4 2.5 3 3.5 4 4.5 5 5.5 6 SUPPLY VOLTAGE [V] 25 C 85 C 105 C -40 C Figure 4. Supply Current – Supply Voltage 0 1 2 3 4 -50 -25 0 25 50 75 100 125 AMBIENT TEMPERATURE [°C] 5.5V 4.0V Figure 5. Supply Current – Ambient Temperature BU7485G 85 Figure 2. Derating curve 3.0V BU7485SG 105 Figure 3. Derating curve |
Número de pieza similar - BU7486SFVM-TR |
|
Descripción similar - BU7486SFVM-TR |