Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BU7465V-TR Datasheet(PDF) 2 Page - Rohm |
|
BU7465V-TR Datasheet(HTML) 2 Page - Rohm |
2 / 37 page Technical Note 2/36 www.rohm.com 2010.12 - Rev.A © 2010 ROHM Co., Ltd. All rights reserved. BU7461/BU7461S family, BU7441/BU7441S family, BU7462/BU7462S family, BU7442/BU7442S family BU7464/BU7464S family, BU7444/BU7444S family, BU7465/BU7465S family, BU7445/BU7445S family ● Pin Assignments Input type Package SSOP5 HVSOF5 SOP8 VSON008X2030 MSOP8 SOP14 Ground Sense BU7461G BU7461SG BU7441G BU7441SG BU7465HFV BU7465SHFV BU7445HFV BU7445SHFV BU7462F BU7462SF BU7442F BU7442SF BU7462NUX BU7462SNUX BU7442NUX BU7442SNUX BU7462FVM BU7462SFVM BU7442FVM BU7442SFVM BU7464F BU7464SF BU7444F BU7444SF ● Absolute maximum rating (Ta=25[℃]) Parameter Symbol Rating Unit BU7461G, BU7462F/FVM/NUX BU7441G, BU7442F/FVM/NUX BU7464F, BU7444F BU7445HFV, BU7465HFV BU7461SG, BU7462S F/FVM/NUX BU7441SG, BU7442S F/FVM/NUX BU7464SF, BU7444SF BU7445SHFV, BU7465SHFV Supply Voltage VDD-VSS +7 V Differential Input Voltage (*1) Vid VDD-VSS V Input Common-mode Voltage Range Vicm (VSS-0.3) ~ (VDD+0.3) V Operating Temperature Topr -40 ~ +85 -40 ~ +105 ℃ Storage Temperature Tstg -55 ~ +125 ℃ Maximum Junction Temperature Tjmax +125 ℃ Note: Absolute maximum rating item indicates the condition which must not be exceeded. Application of voltage in excess of absolute maximum rating or use out absolute maximum rated temperature environment may cause deterioration of characteristics. (*1) The voltage difference between inverting input and non-inverting input is the differential input voltage. Then input terminal voltage is set to more than VSS. 8 7 6 5 1 2 3 4 + +- - CH1 CH2 OUT2 VSS VDD OUT1 IN1- IN1+ IN2+ IN2- VSS VDD OUT IN- IN+ 5 1 2 3 4 + - + - CH1 - CH4 + + - CH2 - CH3 + 1 2 3 4 5 6 78 9 10 11 12 13 14 OUT1 OUT2 OUT3 OUT4 IN1- IN1+ IN2+ IN2- IN3+ IN3- IN4- IN4+ VDD VSS SSOP5 HVSOF5 SOP8 MSOP8 VSON008X2030 SOP14 |
Número de pieza similar - BU7465V-TR |
|
Descripción similar - BU7465V-TR |