Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4739A Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

No. de pieza 1N4739A
Descripción Electrónicos  1 Watt DO-41G Hermetically Sealed Glass Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YEASHIN [Yea Shin Technology Co., Ltd]
Página de inicio  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

1N4739A Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  1N4739A Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 1N4739A Datasheet HTML 2Page - Yea Shin Technology Co., Ltd 1N4739A Datasheet HTML 3Page - Yea Shin Technology Co., Ltd 1N4739A Datasheet HTML 4Page - Yea Shin Technology Co., Ltd 1N4739A Datasheet HTML 5Page - Yea Shin Technology Co., Ltd 1N4739A Datasheet HTML 6Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
http://www.yeashin.com
2
REV.03 20121011
1N4728A~1N4764A
ELECTRICAL CHARACTERISTICS
(TA = 25ºC unless
otherwise noted. VF = 1.2 V Max @ IF = 200mA for all types)
Symbol
Parameter
VZ
Reverse Zener Voltage @ IZT
IZT
Reverse Zener Current
ZZT
Maximum Zener Impedance @ IZT
IZk
Reverse Zener Current
ZZk
Maximum Zener Impedance @ IZk
IR
Reverse Leakage Current @ VR
VR
Reverse Voltage
IF
Forward Current
VF
Forward Voltage @ IF
Ir
Surge Current @ TA = 25ºC
ELECTRICAL CHARACTERISTICS
(TA = 25ºC unless otherwise noted, VF = 1.2 V Max @ IF = 200mA for all types)
Zener Voltage
(Note 3 & 4.)
Zener Impedance
(Note 5.)
Leakage Current
VZ (Volts)
@ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
Ir
(Note 6.)
Device
(Note 2.)
Device
Marking
Min
Nom
Max
(mA)
(
Ω)(Ω
Ω)
(mA)
(
µµµµA Max)
(Volts)
(mA)
1N4728A
1N4728A
3.135
3.3
3.465
76
10
400
1
100
1
1380
1N4729A
1N4729A
3.42
3.6
3.78
69
10
400
1
100
1
1260
1N4730A
1N4730A
3.705
3.9
4.095
64
9
400
1
50
1
1190
1N4731A
1N4731A
4.085
4.3
4.515
58
9
400
1
10
1
1070
1N4732A
1N4732A
4.465
4.7
4.935
53
8
500
1
10
1
970
1N4733A
1N4733A
4.845
5.1
5.355
49
7
550
1
10
1
890
1N4734A
1N4734A
5.32
5.6
5.88
45
5
600
1
10
2
810
1N4735A
1N4735A
5.89
6.2
6.51
41
2
700
1
10
3
730
1N4736A
1N4736A
6.46
6.8
7.14
37
3.5
700
1
10
4
660
1N4737A
1N4737A
7.125
7.5
7.875
34
4
700
0.5
10
5
605
1N4738A
1N4738A
7.79
8.2
8.61
31
4.5
700
0.5
10
6
550
1N4739A
1N4739A
8.645
9.1
9.555
28
5
700
0.5
10
7
500
1N4740A
1N4740A
9.5
10
10.5
25
7
700
0.25
10
7.6
454
1N4741A
1N4741A
10.45
11
11.55
23
8
700
0.25
5
8.4
414
1N4742A
1N4742A
11.4
12
12.6
21
9
700
0.25
5
9.1
380
2. TOLERANCE AND TYPE NUMBER DESIGNATION (VZ)
The type numbers listed have a standard tolerance on the nominal zener voltage of ±5%.
3. SPECIALS AVAILABLE INCLUDE
Nominal zener voltages between the voltages shown and tighter voltage tolerances. For detailed information on price,
availability and delivery, contact your nearest YEASHIN representative.
4. ZENER VOLTAGE (VZ) MEASUREMENT
Nominal zener voltage is measured with the device junction in the thermal equilibrium at the lead temperature (TL) at 30°C
±1°C and 3/8” lead length.
5. ZENER IMPEDANCE (ZZ) DERIVATION
The zener impedance is derived from the 60 cycle AC voltage, which results when an AC current having an RMS value
equal to 10% of the DC zener current (IZT or IZK) is superimposed on IZT or IZK.
6. SURGE CURRENT (Ir) NON-REPETITIVE
The rating listed in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of ½ square
wave or equivalent sine wave pulse of 1/120 second duration superimposed on the test current IZT per JEDEC registration;
however, actual device capability is as described in figure 5 of the General Data DO-41 Glass.


Número de pieza similar - 1N4739A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
1N4739A SECOS-1N4739A Datasheet
149Kb / 2P
   ZENER DIODES
logo
RFE international
1N4739A RFE-1N4739A Datasheet
554Kb / 4P
   Zener Diodes
DEC-13-2023
logo
NXP Semiconductors
1N4739A PHILIPS-1N4739A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4739A VISHAY-1N4739A Datasheet
81Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
1N4739A VISHAY-1N4739A Datasheet
77Kb / 4P
   Zener Diodes
Rev. 2.2, 08-Dec-11
More results

Descripción similar - 1N4739A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tak Cheong Electronics ...
1N4728A TAK_CHEONG-1N4728A_10 Datasheet
325Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TC1N4728A TAK_CHEONG-TC1N4728A_10 Datasheet
454Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
1N4728A TAK_CHEONG-1N4728A Datasheet
128Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TC1N4728A TAK_CHEONG-TC1N4728A Datasheet
178Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
List of Unclassifed Man...
TC1N4728A ETC1-TC1N4728A Datasheet
496Kb / 6P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
ON Semiconductor
BZX85C3V3RL ONSEMI-BZX85C3V3RL Datasheet
57Kb / 8P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
February, 2002 ??Rev. 1
logo
Tak Cheong Electronics ...
1N4751A TAK_CHEONG-1N4751A Datasheet
445Kb / 7P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
March 2002 / A
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3_11 Datasheet
168Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3 Datasheet
177Kb / 5P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
BZX85C3V3 TAK_CHEONG-BZX85C3V3_10 Datasheet
289Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com