Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LMR358FVT-E2 Datasheet(PDF) 3 Page - Rohm |
|
LMR358FVT-E2 Datasheet(HTML) 3 Page - Rohm |
3 / 41 page Datasheet www.rohm.com TSZ02201-0RAR1G200560-1-2 © 2012 ROHM Co., Ltd. All rights reserved. 3/38 30.NOV.2012 Rev.001 TSZ22111・15・001 LMR321G, LMR358xxx, LMR324xxx ●Ordering Information L M R 3 x x x x x - x x Part Number LMR321G LMR358xxx LMR324xxx Package G : SSOP5 F : SOP8, SOP14 FV : SSOP-B8 SSOP-B14 FVM : MSOP8 FJ : SOP-J8 SOP-J14 FVJ : TSSOP-B8J TSSOP-B14J FVT : TSSOP-B8 Packaging and forming specification E2: Embossed tape and reel (SOP8/SOP-J8/SSOP-B8/TSSOP-B8/ TSSOP-B8J/SOP14/SOP-J14/SSOP-B14 TSSOP-B14J) TR: Embossed tape and reel (SSOP5/MSOP8) ●Line-up Topr Input type VDD (Min.) Supply Current (Typ.) Input Offset Voltage (Max.) Package Orderable Part Number -40°C to + 85°C Ground Sense 2.7V 130µA ±4mV SSOP5 Reel of 3000 LMR321G-TR 210µA ±5mV SOP8 Reel of 2500 LMR358F-E2 MSOP8 Reel of 3000 LMR358FVM-TR SOP-J8 Reel of 2500 LMR358FJ-E2 SSOP-B8 Reel of 2500 LMR358FV-E2 TSSOP-B8 Reel of 3000 LMR358FVT-E2 TSSOP-B8J Reel of 2500 LMR358FVJ-E2 410µA ±9mV SOP14 Reel of 2500 LMR324F-E2 SOP-J14 Reel of 2500 LMR324FJ-E2 SSOP-B14 Reel of 2500 LMR324FV-E2 TSSOP-B14J Reel of 2500 LMR324FVJ-E2 |
Número de pieza similar - LMR358FVT-E2 |
|
Descripción similar - LMR358FVT-E2 |