Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5269B Datasheet(PDF) 5 Page - Yea Shin Technology Co., Ltd

No. de pieza 1N5269B
Descripción Electrónicos  500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YEASHIN [Yea Shin Technology Co., Ltd]
Página de inicio  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

1N5269B Datasheet(HTML) 5 Page - Yea Shin Technology Co., Ltd

  1N5269B Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 1N5269B Datasheet HTML 2Page - Yea Shin Technology Co., Ltd 1N5269B Datasheet HTML 3Page - Yea Shin Technology Co., Ltd 1N5269B Datasheet HTML 4Page - Yea Shin Technology Co., Ltd 1N5269B Datasheet HTML 5Page - Yea Shin Technology Co., Ltd 1N5269B Datasheet HTML 6Page - Yea Shin Technology Co., Ltd 1N5269B Datasheet HTML 7Page - Yea Shin Technology Co., Ltd 1N5269B Datasheet HTML 8Page - Yea Shin Technology Co., Ltd 1N5269B Datasheet HTML 9Page - Yea Shin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
http://www.yeashin.com
5
REV.03 20121003
1N5221B~1N5281B
DEVICE CHARACTERISTICS
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
20
40
60
80
100
120
140
160
180
200
T L, LEAD TEMPERATURE (°C)
Figure 1. Steady State Power Derating
HEAT
SINKS
3/8"
3/8"
LL
500
400
300
200
100
0
0
0.2
0.4
0.6
0.8
1
2.4-60 V
62-200 V
L , LEAD LENGTH TO HEAT SINK (INCH)
Figure 2. Typical Thermal Resistance
TYPICAL LEAKAGE CURRENT
AT 80% OF NOMINAL
BREAKDOWN VOLTAGE
+2
5°C
+12
5°C
1000
7000
5000
2000
1000
700
500
200
100
70
50
20
10
7
5
2
1
0.7
0.5
0.2
0.1
0.07
0.05
0.02
0.01
0.007
0.005
0.002
0.001
34
5
6
7
8
9
10
11
12
VZ , NOMINAL ZENER VOLTAGE (VOLTS)
Figure 3. Typical Leakage Current
13
14
15


Número de pieza similar - 1N5269B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
1N5269B FAIRCHILD-1N5269B Datasheet
85Kb / 3P
   Absolute Maximum Ratings
logo
New Jersey Semi-Conduct...
1N5269B NJSEMI-1N5269B Datasheet
114Kb / 1P
   GLASS ZENER DIODES 500 MILLIWATTS 2.4-200 VOLTS
logo
Fairchild Semiconductor
1N5269B FAIRCHILD-1N5269B Datasheet
85Kb / 3P
   Zeners
logo
New Jersey Semi-Conduct...
1N5269B NJSEMI-1N5269B Datasheet
109Kb / 1P
   20 STERN AVE SPRINGFIELD,NEW JERSEY 07081 U.S.A
logo
Central Semiconductor C...
1N5269B CENTRAL-1N5269B Datasheet
173Kb / 2P
   ZENER DIODE 2.4 VOLTS THRU 200VOLTS 500mL, 5% TOLERANCE
More results

Descripción similar - 1N5269B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com