Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5270B Datasheet(PDF) 9 Page - Yea Shin Technology Co., Ltd

No. de pieza 1N5270B
Descripción Electrónicos  500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YEASHIN [Yea Shin Technology Co., Ltd]
Página de inicio  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

1N5270B Datasheet(HTML) 9 Page - Yea Shin Technology Co., Ltd

Back Button 1N5270B Datasheet HTML 2Page - Yea Shin Technology Co., Ltd 1N5270B Datasheet HTML 3Page - Yea Shin Technology Co., Ltd 1N5270B Datasheet HTML 4Page - Yea Shin Technology Co., Ltd 1N5270B Datasheet HTML 5Page - Yea Shin Technology Co., Ltd 1N5270B Datasheet HTML 6Page - Yea Shin Technology Co., Ltd 1N5270B Datasheet HTML 7Page - Yea Shin Technology Co., Ltd 1N5270B Datasheet HTML 8Page - Yea Shin Technology Co., Ltd 1N5270B Datasheet HTML 9Page - Yea Shin Technology Co., Ltd 1N5270B Datasheet HTML 10Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
http://www.yeashin.com
9
REV.03 20121003
1N5221B~1N5281B
DEVICE CHARACTERISTICS
Figure 13. Zener Voltage versus Zener Current - VZ = 30 thru 105 Volts
VZ , ZENER VOLTAGE (VOLTS)
10
1
0.1
0.01
30
35
40
45
50
55
60
70
75
80
85
90
95
100
Figure 14. Zener Voltage versus Zener Current - VZ = 110 thru 220 Volts
VZ , ZENER VOLTAGE (VOLTS)
110
120
130
140
150
160
170
180
190
200
210
220
230
240
250
260
10
1
0.1
0.01
TA = 25°
65
105


Número de pieza similar - 1N5270B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
1N5270B FAIRCHILD-1N5270B Datasheet
85Kb / 3P
   Absolute Maximum Ratings
logo
New Jersey Semi-Conduct...
1N5270B NJSEMI-1N5270B Datasheet
114Kb / 1P
   GLASS ZENER DIODES 500 MILLIWATTS 2.4-200 VOLTS
logo
Fairchild Semiconductor
1N5270B FAIRCHILD-1N5270B Datasheet
85Kb / 3P
   Zeners
logo
New Jersey Semi-Conduct...
1N5270B NJSEMI-1N5270B Datasheet
109Kb / 1P
   20 STERN AVE SPRINGFIELD,NEW JERSEY 07081 U.S.A
logo
Central Semiconductor C...
1N5270B CENTRAL-1N5270B Datasheet
173Kb / 2P
   ZENER DIODE 2.4 VOLTS THRU 200VOLTS 500mL, 5% TOLERANCE
More results

Descripción similar - 1N5270B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com