Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BZX55B62 Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd |
|
BZX55B62 Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd |
2 / 5 page http://www.yeashin.com 2 REV.02 20121003 Electrical Characteristics TA = 25°C unless otherwise noted VZ @ IZT (Volts) Device Type Min Max IZT (mA) ZZT @ IZT ( ) Max IZK (mA) ZZK @ IZK ( ) Max IR @ VR ( A) Max VR (Volts) BZX55C 15 13.8 15.6 5 30 1 110 0.1 11 BZX55C 16 15.3 17.1 5 40 1 170 0.1 12 BZX55C 18 16.8 19.1 5 50 1 170 0.1 13 BZX55C 20 18.8 21.1 5 55 1 220 0.1 15 BZX55C 22 20.8 23.3 5 55 1 220 0.1 16 BZX55C 24 22.8 25.6 5 80 1 220 0.1 18 BZX55C 27 25.1 28.9 5 80 1 220 0.1 20 BZX55C 30 28 32 5 80 1 220 0.1 22 BZX55C 33 31 35 5 80 1 220 0.1 24 BZX55C 36 34 38 5 80 1 220 0.1 27 BZX55C 39 37 41 2.5 90 0.5 500 0.1 28 BZX55C 43 40 46 2.5 90 0.5 600 0.1 32 BZX55C 47 44 50 2.5 110 0.5 700 0.1 35 BZX55C 51 48 54 2.5 125 0.5 700 0.1 38 BZX55C 56 52 60 2.5 135 0.5 1000 0.1 42 BZX55C 62 58 66 2.5 150 0.5 1000 0.1 47 BZX55C 68 64 72 2.5 160 0.5 1000 0.1 51 BZX55C 75 70 80 2.5 170 0.5 1000 0.1 56 VF Forward Voltage = 1.0 V Maximum @ IF = 100 mA for all types VZ @ IZT (Volts) Device Type Min Max IZT (mA) ZZT @ IZT ( ) Max IZK (mA) ZZK @ IZK ( ) Max IR @ VR ( A) Max VR (Volts) BZX55B 2V4 2.35 2.45 5 85 1 600 50 1 BZX55B 2V7 2.65 2.75 5 85 1 600 10 1 BZX55B 3V0 2.94 3.06 5 85 1 600 4 1 BZX55B 3V3 3.23 3.37 5 85 1 600 2 1 BZX55B 3V6 3.53 3.67 5 85 1 600 2 1 BZX55B 3V9 3.82 3.98 5 85 1 600 2 1 BZX55B 4V3 4.21 4.39 5 75 1 600 1 1 BZX55B 4V7 4.61 4.79 5 60 1 600 0.5 1 BZX55B 5V1 5.00 5.20 5 35 1 550 0.1 1 BZX55B 5V6 5.49 5.71 5 25 1 450 0.1 1 BZX55B 6V2 6.08 6.32 5 10 1 200 0.1 2 BZX55B 6V8 6.66 6.94 5 8 1 150 0.1 3 BZX55B 7V5 7.33 7.63 5 7 1 50 0.1 5 BZX55B 8V2 8.04 8.36 5 7 1 50 0.1 6.2 BZX55B 9V1 8.92 9.28 5 10 1 50 0.1 6.8 BZX55B 10 9.80 10.20 5 15 1 70 0.1 7.5 BZX55B 11 10.78 11.22 5 20 1 70 0.1 8.2 BZX55B 12 11.76 12.24 5 20 1 90 0.1 9.1 BZX55B 13 12.74 13.26 5 26 1 110 0.1 10 BZX55B 15 14.70 15.30 5 30 1 110 0.1 11 BZX55B 16 15.68 16.32 5 40 1 170 0.1 12 BZX55B 18 17.64 18.36 5 50 1 170 0.1 13 BZX55B 20 19.60 20.40 5 55 1 220 0.1 15 BZX55B 22 21.56 22.44 5 55 1 220 0.1 16 BZX55B 24 23.52 24.48 5 80 1 220 0.1 18 BZX55B 27 26.46 27.54 5 80 1 220 0.1 20 BZX55B 30 29.40 30.60 5 80 1 220 0.1 22 BZX55B 33 32.34 33.66 5 80 1 220 0.1 24 BZX55B 36 35.28 36.72 5 80 1 220 0.1 27 BZX55B 39 38.22 39.78 2.5 90 0.5 500 0.1 28 BZX55B 43 42.14 43.86 2.5 90 0.5 600 0.1 32 BZX55B 47 46.06 47.94 2.5 110 0.5 700 0.1 35 BZX55C/B Series |
Número de pieza similar - BZX55B62 |
|
Descripción similar - BZX55B62 |