Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM78L12 Datasheet(PDF) 2 Page - HTC Korea TAEJIN Technology Co. |
|
LM78L12 Datasheet(HTML) 2 Page - HTC Korea TAEJIN Technology Co. |
2 / 11 page 3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR LM78LXX Jun. 2012 - Rev. 1.5 - 2 - HTC Recommended Operating Conditions CHARACTERISTIC SYMBOL MIN. MAX. UNIT LM78L05 / A 7 20 LM78L06 8 20 LM78L08 10.5 23 LM78L09 11.5 24 LM78L10 12.5 25 LM78L12 14.5 27 LM78L15 17.5 30 LM78L18 20.5 33 Input Voltage LM78L24 VIN 26.5 39 V Output Current Io 100 100 mA Operating Virtual Junction Temperature TJ -40 125 ℃ Ordering Information VOUT Package Order No. Description Supplied As Status LM78L05 0.1A, Positive Bulk Active LM78L05A 0.1A, Positive Bulk Active LM78L05TA 0.1A, Positive Taping Active TO-92 LM78L05ATA 0.1A, Positive Taping Active SOT-89 LM78L05F 0.1A, Positive Reel Active 5.0V SOP-8 LM78L05D 0.1A, Positive Reel Active LM78L06 0.1A, Positive Bulk Active TO-92 LM78L06TA 0.1A, Positive Taping Active 6.0V SOT-89 LM78L06F 0.1A, Positive Reel Active LM78L08 0.1A, Positive Bulk Active TO-92 LM78L08TA 0.1A, Positive Taping Active 8.0V SOT-89 LM78L08F 0.1A, Positive Reel Active LM78L09 0.1A, Positive Bulk Active TO-92 LM78L09TA 0.1A, Positive Taping Active 9.0V SOT-89 LM78L09F 0.1A, Positive Reel Active |
Número de pieza similar - LM78L12 |
|
Descripción similar - LM78L12 |