Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM1117F-5.0V Datasheet(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

No. de pieza LM1117F-5.0V
Descripción Electrónicos  1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HTC [HTC Korea TAEJIN Technology Co.]
Página de inicio  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1117F-5.0V Datasheet(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  LM1117F-5.0V Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1117F-5.0V Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1117F-5.0V Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1117F-5.0V Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM1117F-5.0V Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM1117F-5.0V Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM1117F-5.0V Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM1117F-5.0V Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM1117F-5.0V Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1A L.D.O VOLTAGE REGULATOR
LM1117
Mar. 2013 Rev. 1.22
- 3 -
HTC
Ordering Information
(Continued)
VOUT
Package
Order No.
Package Marking
Supplied As
Status
3.3V
SOT-223
LM1117S-3.3V
1117C 3.3
Reel
Active
SOT-223
LM1117GS-3.3V
1117GC 3.3
Reel
Contact us
TO-252
LM1117RS-3.3V
LM1117C 3.3
Reel
Active
TO-252
LM1117GRS-3.3V
LM1117GC 3.3
Reel
Contact us
SOT-89
LM1117F-3.3V
1117C 3.3
Reel
Active
SOT-89
LM1117GF-3.3V
1117GC 3.3
Reel
Active
5.0V
SOT-223
LM1117S-5.0V
1117C 5.0
Reel
Active
SOT-223
LM1117GS-5.0V
1117GC 5.0
Reel
Contact us
TO-252
LM1117RS-5.0V
LM1117C 5.0
Reel
Active
TO-252
LM1117GRS-5.0V
LM1117GC 5.0
Reel
Contact us
SOT-89
LM1117F-5.0V
1117C 5.0
Reel
Active
SOT-89
LM1117GF-5.0V
1117GC 5.0
Reel
Active


Número de pieza similar - LM1117F-5.0V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HTC Korea TAEJIN Techno...
LM1117F-ADJ HTC-LM1117F-ADJ Datasheet
175Kb / 11P
   1A L.D.O. VOLTAGE REGULATOR
LM1117F-XX HTC-LM1117F-XX Datasheet
175Kb / 11P
   1A L.D.O. VOLTAGE REGULATOR
More results

Descripción similar - LM1117F-5.0V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HTC Korea TAEJIN Techno...
LM1117S HTC-LM1117S Datasheet
175Kb / 11P
   1A L.D.O. VOLTAGE REGULATOR
LM1117Q HTC-LM1117Q Datasheet
302Kb / 11P
   1A L.D.O VOLTAGE REGULATOR Qualified to AEC-Q100 Standard
logo
Toshiba Semiconductor
TA4800AF TOSHIBA-TA4800AF Datasheet
210Kb / 9P
   1A Output Current Low Dropout Voltage Regulator
TA4800AF TOSHIBA-TA4800AF_09 Datasheet
225Kb / 10P
   1 A Output Current Low Dropout Voltage Regulator
logo
RICOH electronics devic...
R1190 RICOH-R1190 Datasheet
2Mb / 27P
   1A VOLTAGE REGULATOR (Operating Voltage up to 16V)
logo
Nisshinbo Micro Devices...
R1190X NISSHINBO-R1190X Datasheet
2Mb / 27P
   1A VOLTAGE REGULATOR (Operating Voltage up to 16V)
logo
HTC Korea TAEJIN Techno...
LM27150 HTC-LM27150 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
LM39100 HTC-LM39100_10 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
logo
Nisshinbo Micro Devices...
R1501X NISSHINBO-R1501X Datasheet
2Mb / 28P
   1A LDO REGULATOR (Operating Voltage up to 24V)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com