Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62142RGTR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS62142RGTR
Descripción Electrónicos  3-V to 17-V 2-A Step-Down Converter in 3x3 QFN Package
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS62142RGTR Datasheet(HTML) 4 Page - Texas Instruments

  TPS62142RGTR Datasheet HTML 1Page - Texas Instruments TPS62142RGTR Datasheet HTML 2Page - Texas Instruments TPS62142RGTR Datasheet HTML 3Page - Texas Instruments TPS62142RGTR Datasheet HTML 4Page - Texas Instruments TPS62142RGTR Datasheet HTML 5Page - Texas Instruments TPS62142RGTR Datasheet HTML 6Page - Texas Instruments TPS62142RGTR Datasheet HTML 7Page - Texas Instruments TPS62142RGTR Datasheet HTML 8Page - Texas Instruments TPS62142RGTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
3
Exposed
Thermal Pad
9
10
11
12
8
7
6
5
4
2
1
16
15
14
13
PVIN
PVIN
AVIN
SS/TR
SW
SW
SW
PG
TPS62140, TPS62140A
TPS62141, TPS62142, TPS62143
SLVSAJ0B – NOVEMBER 2011 – REVISED JUNE 2013
www.ti.com
DEVICE INFORMATION
RGT PACKAGE
(TOP VIEW)
Terminal Functions
PIN(1)
I/O
DESCRIPTION
NAME
NO.
SW
1, 2 ,3
O
Switch node, which is connected to the internal MOSFET switches. Connect inductor between SW and
output capacitor.
PG
4
O
Output power-good (High = VOUT ready, Low = VOUT below nominal regulation); open-drain (requires
pullup resistor; goes high-impedance when device is switched off)
FB
5
I
Voltage feedback of adjustable version. Connect resistive voltage divider to this pin. Its recommended to
connect FB to AGND on fixed output-voltage versions for improved thermal performance.
AGND
6
Analog ground. Must be connected directly to the Exposed Thermal Pad and common ground plane.
FSW
7
I
Switching frequency select (Low
≈ 2.5 MHz, High ≈ 1.25 MHz(2) for typical operation)(3)
DEF
8
I
Output voltage scaling (Low = nominal, High = nominal + 5%)(3)
Soft-start / tracking pin. An external capacitor connected to this pin sets the internal voltage-reference rise
SS/TR
9
I
time. It can be used for tracking and sequencing.
AVIN
10
I
Supply voltage for control circuitry. Connect to same source as PVIN.
PVIN
11, 12
I
Supply voltage for power stage. Connect to same source as AVIN.
EN
13
I
Enable input (High = enabled, Low = disabled)(3)
VOS
14
I
Output-voltage sense pin and connection for the control loop circuitry.
PGND
15, 16
Power ground. Must be connected directly to the Exposed Thermal Pad and common ground plane.
Exposed
Must be connected to AGND (pin 6), PGND (pin 15,16) and common ground plane(4). Must be soldered
thermal pad
to achieve appropriate power dissipation and mechanical reliability.
(1)
For more information about connecting pins, see the DETAILED DESCRIPTION and APPLICATION INFORMATION sections.
(2)
Connect FSW to VOUT or PG in this case.
(3)
An internal pulldown resistor keeps the logic level low, if pin is floating.
(4)
See Figure 41.
4
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: TPS62140 TPS62140A TPS62141 TPS62142 TPS62143


Número de pieza similar - TPS62142RGTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62142RGTR TI1-TPS62142RGTR Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
More results

Descripción similar - TPS62142RGTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62152-Q1 TI1-TPS62152-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   3 to 17-V 1-A Step-Down Converter in 3x3-mm QFN Package
TPS62140 TI-TPS62140_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS6214x 3-V to 17-V 2-A Step-Down Converter in 3 횞 3 QFN Package
TPS62140 TI1-TPS62140 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62150 TI1-TPS62150_16 Datasheet
2Mb / 43P
[Old version datasheet]   3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62130 TI1-TPS62130_13 Datasheet
1Mb / 36P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130 Datasheet
1Mb / 34P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62150 TI1-TPS62150 Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 1A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130_14 Datasheet
1Mb / 37P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62150 TI1-TPS62150_13 Datasheet
1Mb / 34P
[Old version datasheet]   3-17V 1A Step-Down Converter in 3x3 QFN Package
TPS62150 TI-TPS62150_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS6215x 3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com