Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS82692 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS82692
Descripción Electrónicos  High-Efficiency MicroSiP STEP-DOWN CONVERTER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS82692 Datasheet(HTML) 4 Page - Texas Instruments

  TPS82692 Datasheet HTML 1Page - Texas Instruments TPS82692 Datasheet HTML 2Page - Texas Instruments TPS82692 Datasheet HTML 3Page - Texas Instruments TPS82692 Datasheet HTML 4Page - Texas Instruments TPS82692 Datasheet HTML 5Page - Texas Instruments TPS82692 Datasheet HTML 6Page - Texas Instruments TPS82692 Datasheet HTML 7Page - Texas Instruments TPS82692 Datasheet HTML 8Page - Texas Instruments TPS82692 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
TPS82692 , TPS82693, TPS82694, TPS826951
TPS82697, TPS82698, TPS82699
SLVSBF8A – MARCH 2013 – REVISED JULY 2013
www.ti.com
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VIN
Input voltage range
2.3
4.8(1)
V
TPS82699
0
500
mA
TPS82692,
800
mA
TPS82693
IO
Output current range
TPS82694,
TPS826951
TPS82697,
TPS62698
Additional output capacitance (PFM/PWM)
0
4
µF
Additional output capacitance (PWM)
0
7
µF
TA
Ambient temperature
–40
+85
°C
TJ
Operating junction temperature
–40
+125
°C
(1)
Operation above 4.8V input voltage is not recommended over an extended period of time.
ELECTRICAL CHARACTERISTICS
Minimum and maximum values are at VIN = 2.3V to 5.5V, VOUT = 2.85V, EN = 1.8V, AUTO mode and TA = –40°C to 85°C;
Circuit of Parameter Measurement Information section (unless otherwise noted). Typical values are at VIN = 3.6V, VOUT =
2.85V, EN = 1.8V, AUTO mode and TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
TPS8269x
IO = 0mA. Device not switching
23
50
μA
Operating quiescent
IQ
current
TPS8269x
IO = 0mA, PWM mode
3.5
mA
I(SD)
Shutdown current
TPS8269x
EN = GND
0.2
7
μA
Undervoltage lockout
UVLO
TPS8269x
2.05
2.1
V
threshold
Protection
Thermal Shutdown
TPS8269x
140
°C
Thermal Shutdown
TPS8269x
10
°C
hysteresis
Peak Output Current
ILIM
TPS8269x
1000
mA
Limit
Short Circuit Output
ISC
TPS8269x
15
mA
Current Limit
ENABLE, MODE
VIH
High-level input voltage
1
V
VIL
Low-level input voltage
TPS8269x
0.4
V
Ilkg
Input leakage current
Input connected to GND or VIN
0.01
1.5
μA
4
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS82692 TPS82693 TPS82694 TPS826951 TPS82697 TPS82698 TPS82699


Número de pieza similar - TPS82692

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS82692 TI1-TPS82692 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
TPS82692SIP TI1-TPS82692SIP Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
TPS82692SIPR TI1-TPS82692SIPR Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
TPS82692SIPT TI1-TPS82692SIPT Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
TPS82692 TI-TPS82692_15 Datasheet
2Mb / 32P
[Old version datasheet]   TPS8269x High-Efficiency MicroSIP??Step-Down Converter (Profile <1mm)
More results

Descripción similar - TPS82692

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
TPS82692 TI-TPS82692_15 Datasheet
2Mb / 32P
[Old version datasheet]   TPS8269x High-Efficiency MicroSIP??Step-Down Converter (Profile <1mm)
TPS82670 TI1-TPS82670_16 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670_12 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82671 TI1-TPS82671_11 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82670 TI1-TPS82670_17 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82671_1111 TI1-TPS82671_1111 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com