Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS92315 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS92315
Descripción Electrónicos  Off-Line Primary-Side Sensing Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS92315 Datasheet(HTML) 2 Page - Texas Instruments

  TPS92315 Datasheet HTML 1Page - Texas Instruments TPS92315 Datasheet HTML 2Page - Texas Instruments TPS92315 Datasheet HTML 3Page - Texas Instruments TPS92315 Datasheet HTML 4Page - Texas Instruments TPS92315 Datasheet HTML 5Page - Texas Instruments TPS92315 Datasheet HTML 6Page - Texas Instruments TPS92315 Datasheet HTML 7Page - Texas Instruments TPS92315 Datasheet HTML 8Page - Texas Instruments TPS92315 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
TPS92315
SNVS904A – NOVEMBER 2012 – REVISED FEBRUARY 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
Input voltage range
VCC
38
V
Continuous gate current sink IGATE
50
Continuous gate current
IGATE
Self-limiting
mA
source
Peak VSNS pin current
IVSNS
-1.2
Gate-drive voltage at GATE
IGATE
-0.5
Self-limiting
VSNS
–0.75
7
V
Voltage range
ISNS
–0.5
5
Human body model (HBM) QSS 009-105 (JESD22-A114A)
2000
V
Electrostatic discharge
Charged device model (CDM) QSS 009-147 (JESD22-C101B.01)
500
Junction temperature range, TJ
-55
150
°C
Storage temperature range, Tstg
-65
150
Lead temperature 0.6 mm from case for 10 seconds
260
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the network ground terminal unless otherwise noted.
(3)
Voltage values are with respect to the SW terminal.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
VCC
Bias supply operating voltage
9
35
V
CVCC
VCC bypass capacitor
0.047
1
µF
RLC
ISNS pin line compensation programming resistor
0
k
Ω
IVSNS
VSNS pin current
-1
mA
TJ
Operating junction temperature
−20
125
°C
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPS92315


Número de pieza similar - TPS92315

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS92310 TI1-TPS92310 Datasheet
429Kb / 19P
[Old version datasheet]   Off-Line Primary Side Sensing Controller with PFC
TPS92310DGS TI1-TPS92310DGS Datasheet
865Kb / 23P
[Old version datasheet]   TPS92310 Off-Line Primary Side Sensing Controller With PFC
TPS92310DGS/NOPB TI1-TPS92310DGS/NOPB Datasheet
865Kb / 23P
[Old version datasheet]   TPS92310 Off-Line Primary Side Sensing Controller With PFC
TPS92310DGSR/NOPB TI1-TPS92310DGSR/NOPB Datasheet
865Kb / 23P
[Old version datasheet]   TPS92310 Off-Line Primary Side Sensing Controller With PFC
TPS92311 TI1-TPS92311 Datasheet
432Kb / 19P
[Old version datasheet]   Off-Line Primary Side Sensing Converter with PFC
More results

Descripción similar - TPS92315

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS92314 TI-TPS92314 Datasheet
916Kb / 26P
[Old version datasheet]   Off-Line Primary Side Sensing Controller with PFC
TPS92310 TI1-TPS92310 Datasheet
429Kb / 19P
[Old version datasheet]   Off-Line Primary Side Sensing Controller with PFC
TPS92314DR TI-TPS92314DR Datasheet
922Kb / 26P
[Old version datasheet]   Off-Line Primary Side Sensing Controller with PFC
TPS92310DGS TI1-TPS92310DGS Datasheet
865Kb / 23P
[Old version datasheet]   TPS92310 Off-Line Primary Side Sensing Controller With PFC
TPS92311 TI1-TPS92311_14 Datasheet
332Kb / 24P
[Old version datasheet]   Off-Line Primary Side Sensing Converter with PFC
TPS92311 TI1-TPS92311 Datasheet
432Kb / 19P
[Old version datasheet]   Off-Line Primary Side Sensing Converter with PFC
logo
Diodes Incorporated
AP3776 DIODES-AP3776 Datasheet
616Kb / 17P
   LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP1680 DIODES-AP1680 Datasheet
327Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev. 1 - 0 Apr 2011
logo
BCD Semiconductor Manuf...
AP3703 BCDSEMI-AP3703 Datasheet
727Kb / 11P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3768 BCDSEMI-AP3768 Datasheet
626Kb / 10P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com