Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS70451 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza TPS70451
Descripción Electrónicos  DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS70451 Datasheet(HTML) 3 Page - Texas Instruments

  TPS70451 Datasheet HTML 1Page - Texas Instruments TPS70451 Datasheet HTML 2Page - Texas Instruments TPS70451 Datasheet HTML 3Page - Texas Instruments TPS70451 Datasheet HTML 4Page - Texas Instruments TPS70451 Datasheet HTML 5Page - Texas Instruments TPS70451 Datasheet HTML 6Page - Texas Instruments TPS70451 Datasheet HTML 7Page - Texas Instruments TPS70451 Datasheet HTML 8Page - Texas Instruments TPS70451 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
TPS70445, TPS70448
TPS70451, TPS70458
TPS70402
www.ti.com
SLVS307F – SEPTEMBER 2000 – REVISED APRIL 2010
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
VOLTAGE (V)(2)
PACKAGE-
SPECIFIED
LEAD
TEMPERATURE
ORDERING
TRANSPORT
PRODUCT
VOUT1
VOUT2
(DESIGNATOR)
RANGE (TJ)
NUMBER
MEDIA, QUANTITY
TPS70402PWP
Tube, 60
TPS70402
Adjustable
Adjustable
HTSSOP-24 (PWP)
–40°C to +125°C
TPS70402PWPR
Tape and Reel, 2000
TPS70445PWP
Tube, 60
TPS70445
3.3 V
1.2 V
HTSSOP-24 (PWP)
–40°C to +125°C
TPS70445PWPR
Tape and Reel, 2000
TPS70448PWP
Tube, 60
TPS70448
3.3 V
1.5 V
HTSSOP-24 (PWP)
–40°C to +125°C
TPS70448PWPR
Tape and Reel, 2000
TPS70451PWP
Tube, 60
TPS70451
3.3 V
1.8 V
HTSSOP-24 (PWP)
–40°C to +125°C
TPS70451PWPR
Tape and Reel, 2000
TPS70458PWP
Tube, 60
TPS70458
3.3 V
2.5 V
HTSSOP-24 (PWP)
–40°C to +125°C
TPS70458PWPR
Tape and Reel, 2000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at ti.com.
(2)
For fixed 1.20 V operation, tie FB to OUT.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
TPS704xx
UNIT
Input voltage range: VIN1, VIN2
(2)
–0.3 to +7
V
Voltage range at EN1, EN2
–0.3 to +7
V
Output voltage range (VOUT1, VSENSE1)
5.5
V
Output voltage range (VOUT2, VSENSE2)
5.5
V
Maximum RESET, PG1, PG2 voltage
7
V
Maximum MR voltage
VIN1
V
Peak output current
Internally limited
Continuous total power dissipation
See Dissipation Ratings Table
Operating virtual junction temperature range, TJ
–40 to +150
°C
Storage temperature range, Tstg
–65 to +150
°C
ESD rating, HBM
2
kV
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are tied to network ground.
Copyright © 2000–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3


Número de pieza similar - TPS70451

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS70451 TI-TPS70451 Datasheet
571Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70451PWP TI-TPS70451PWP Datasheet
571Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
More results

Descripción similar - TPS70451

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS70245PWP TI-TPS70245PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70258PWP TI-TPS70258PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70245 TI-TPS70245 Datasheet
511Kb / 30P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70845 TI1-TPS70845_16 Datasheet
866Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70302PWPR TI-TPS70302PWPR Datasheet
874Kb / 46P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70248PWP TI-TPS70248PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70245 TI1-TPS70245_16 Datasheet
1Mb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70451 TI-TPS70451 Datasheet
571Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70845 TI-TPS70845 Datasheet
449Kb / 29P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70145 TI1-TPS70145_16 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com