Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA00CC0WCP-TR Datasheet(PDF) 11 Page - Rohm

No. de pieza BA00CC0WCP-TR
Descripción Electrónicos  2A/1A Variable Output LDO Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA00CC0WCP-TR Datasheet(HTML) 11 Page - Rohm

Back Button BA00CC0WCP-TR Datasheet HTML 7Page - Rohm BA00CC0WCP-TR Datasheet HTML 8Page - Rohm BA00CC0WCP-TR Datasheet HTML 9Page - Rohm BA00CC0WCP-TR Datasheet HTML 10Page - Rohm BA00CC0WCP-TR Datasheet HTML 11Page - Rohm BA00CC0WCP-TR Datasheet HTML 12Page - Rohm BA00CC0WCP-TR Datasheet HTML 13Page - Rohm BA00CC0WCP-TR Datasheet HTML 14Page - Rohm BA00CC0WCP-TR Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Datasheet
11/17
BA00DD0xx series
BA00CC0xx series
TSZ02201-0R6R0A600080-1-2
25.July.2013 Rev.002
TSZ22111・15・001
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
●I/O equivalence circuit
< BA00CC0WT/BA00CC0WFP/BA00CC0WT-V5/BA00CC0WCP-V5 >
< BA00DD0WCP-V5/BA00DD0WHFP >
31kΩ
●Output Voltage Configuration Method
Please connect resistors R1 and R2 (which determines the output voltage) as shown in Fig.27.
Please be aware that the offset due to the current that flows from the ADJ terminal becomes large when resistors with large
values are used. The use of resistors with R1=2kΩ to 15 kΩ is recommended.
Vo = Vc (VADJ) ×
1 +
BA00CC0xx
Vc : 1.225 (Typ.)
BA00DD0xx
VADJ : 1.270 (Typ.)
R2
R1
Fig.25
Vcc
CTL
39kΩ
2kΩ
ADJ
Vcc
Vcc
VOUT
500Ω
10kΩ
Fig.26
CTL
25kΩ
25kΩ
Vcc
VOUT
5.5kΩ
C
10
VOUT
C(ADJ)
R1
R2
Vc
(V
ADJ
Fig.27


Número de pieza similar - BA00CC0WCP-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA00CC0WCP-V5 ROHM-BA00CC0WCP-V5 Datasheet
362Kb / 6P
   1A Low Dropout Voltage Regulator with Shut Down Switch(Adustable Voltage)
BA00CC0WCP-V5 ROHM-BA00CC0WCP-V5 Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
BA00CC0WCP-V5 ROHM-BA00CC0WCP-V5 Datasheet
320Kb / 10P
   Standard Variable Output LDO Regulators with Shutdown Switch
BA00CC0WCP-V5E2 ROHM-BA00CC0WCP-V5E2 Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
More results

Descripción similar - BA00CC0WCP-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BA033CC0WFP-E2 ROHM-BA033CC0WFP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00IC0WEFJ ROHM-BD00IC0WEFJ Datasheet
517Kb / 26P
   1A Variable Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA00DD0W ROHM-BA00DD0W_12 Datasheet
528Kb / 20P
   2A/1A Variable Output
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com