Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA3662CP-V5 Datasheet(PDF) 8 Page - Rohm

No. de pieza BA3662CP-V5
Descripción Electrónicos  300mA Variable Output LDO Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA3662CP-V5 Datasheet(HTML) 8 Page - Rohm

Back Button BA3662CP-V5_12 Datasheet HTML 4Page - Rohm BA3662CP-V5_12 Datasheet HTML 5Page - Rohm BA3662CP-V5_12 Datasheet HTML 6Page - Rohm BA3662CP-V5_12 Datasheet HTML 7Page - Rohm BA3662CP-V5_12 Datasheet HTML 8Page - Rohm BA3662CP-V5_12 Datasheet HTML 9Page - Rohm BA3662CP-V5_12 Datasheet HTML 10Page - Rohm BA3662CP-V5_12 Datasheet HTML 11Page - Rohm BA3662CP-V5_12 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8/14
BA3662CP-V5
Datasheet
TSZ02201-0R6R0A600110-1-2
26.Jun.2012 Rev.001
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
●I/O equivalence circuit
Vcc Pin
CTL Pin
Vo Pin
C Pin
●Output Voltage Configuration Method
Please connect resistors R1 and R2 (which determines the output voltage) as shown in Fig.14.
Please be aware that the offset due to the current that flows from the C pin becomes large when resistors with large values
are used. The use of resistors with R1=2kΩ to 15kΩ is recommended.
Vo ≒ Vc × (R1+R2) / R1
Fig.14
Vcc
IC
CTL
25kΩ
25kΩ
Vo
Vcc
10kΩ
C
5.5kΩ
Vc≒1.225V
(TYP.)
R2
R1
Vo
C pin
IC


Número de pieza similar - BA3662CP-V5_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA3662CP-V5_1010 ROHM-BA3662CP-V5_1010 Datasheet
423Kb / 12P
   300mA Standard Variable Output LDO Regulator
More results

Descripción similar - BA3662CP-V5_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BDXXGA3MEFJ-M ROHM-BDXXGA3MEFJ-M Datasheet
997Kb / 24P
   Automotive 300mA Variable Output LDO Regulator
2021.10.11 Rev.002
BA3662CP-V5_1010 ROHM-BA3662CP-V5_1010 Datasheet
423Kb / 12P
   300mA Standard Variable Output LDO Regulator
BD00GA3MEFJ-ME2 ROHM-BD00GA3MEFJ-ME2 Datasheet
611Kb / 24P
   Automotive 300mA Variable Output LDO Regulator
BD00GA3MEFJ-LB ROHM-BD00GA3MEFJ-LB Datasheet
788Kb / 24P
   300mA Variable Output Industrial LDO Regulator
BD00HA3WEFJ ROHM-BD00HA3WEFJ_13 Datasheet
522Kb / 22P
   300mA Variable Fixed Output LDO Regulators
BDXXGA3WEFJ ROHM-BDXXGA3WEFJ Datasheet
858Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
17.May.2013 Rev.004
BD00GA3WEFJ-E2 ROHM-BD00GA3WEFJ-E2 Datasheet
612Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
BD00FA1WEFJ ROHM-BD00FA1WEFJ Datasheet
796Kb / 19P
   100mA Variable Output LDO Regulator
logo
Asahi Kasei Microsystem...
AP1152ADU25 AKM-AP1152ADU25 Datasheet
1Mb / 26P
   14.5V Input / 300mA Output LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com