Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-3120-000E Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HCPL-3120-000E
Descripción Electrónicos  2.5 Amp Output Current IGBT Gate Drive Optocoupler
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-3120-000E Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-3120-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-3120-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-3120-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-3120-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-3120-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-3120-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-3120-000E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-3120-000E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-3120-000E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
IEC/EN/DIN EN 60747-5-2 Insulation Related Characteristics
HCPL-3120
Description
Symbol
Option 060
HCPL-J312
HCNW3120
Unit
Installation classification per DIN VDE 0110/1.89, 
Table 1 
   
    for rated mains voltage ≤150 V rms 
I-IV 
I-IV 
I-IV 
    for rated mains voltage ≤300 V rms 
I-IV 
I-IV 
I-IV 
    for rated mains voltage ≤450 V rms 
I-III 
I-III 
I-IV 
    for rated mains voltage ≤600 V rms 
I-III 
I-IV 
    for rated mains voltage ≤1000 V rms 
I-III
Climatic Classification 
55/100/21 
55/100/21 
55/100/21
Pollution Degree (DIN VDE 0110/1.89) 
2 
2 
2
Maximum Working Insulation Voltage 
VIORM
630 
891 
1414 
Vpeak
Input to Output Test Voltage, Method b* 
VPR
1181 
1670 
2652 
Vpeak
  VIORM x 1.875 = VPR, 100% Production Test, 
  tm = 1 sec, Partial Discharge < 5pC 
Input to Output Test Voltage, Method a* 
VPR
945 
1336 
2121 
Vpeak
  VIORM x 1.5 = VPR, Type and Sample Test, 
  tm = 60 sec, Partial Discharge < 5pC
Highest Allowable Overvoltage* 
VIOTM
6000 
6000 
8000 
Vpeak
  (Transient Overvoltage, tini = 10 sec) 
Safety Limiting Values – maximum values allowed 
in the event of a failure, also see Figure 37. 
   
      Case Temperature 
TS
175 
175 
150 
°C 
      Input Current 
IS INPUT
230 
400 
400 
mA 
      Output Power 
PS OUTPUT
600 
600 
700 
mW
Insulation Resistance at TS, VIO = 500 V 
RS
≥109
≥109
≥109
Ω
*Refer to the IEC/EN/DIN EN 60747-5-2 section (page 1-6/8) of the Isolation Control Component Designer’s Catalog for a detailed description of 
Method a/b partial discharge test profiles.
Note: These optocouplers are suitable for “safe electrical isolation” only within the safety limit data. Maintenance of the safety data shall be en-
sured by means of protective circuits. Surface mount classification is Class A in accordance with CECC 00802.
All Avago data sheets report the creepage and clearance 
inherent  to  the  optocoupler  component  itself.  These 
dimensions  are  needed  as  a  starting  point  for  the 
equipment designer when determining the circuit insula-
tion requirements. However, once mounted on a printed 
circuit board, minimum creep-age and clearance require-
ments must be met as specified for individual equipment 
standards. For creepage, the shortest distance path along 
the surface of a printed circuit board between the solder 
fillets of the input and output leads must be considered. 
There  are  recommended  techniques  such  as  grooves 
and ribs which may be used on a printed circuit board 
to  achieve  desired  creepage  and  clearances.  Creepage 
and clearance distances will also change depending on 
factors such as pollution degree and insulation level.


Número de pieza similar - HCPL-3120-000E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-000E AVAGO-HCPL-3120-000E Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
More results

Descripción similar - HCPL-3120-000E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-300E AVAGO-HCPL-3120-300E Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-500E AVAGO-HCPL-3120-500E Datasheet
409Kb / 25P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-000E AVAGO-HCPL-3120-000E Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-H342-000E AVAGO-ACPL-H342-000E Datasheet
707Kb / 19P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J312 AVAGO-HCPL-J312 Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-332J-500E AVAGO-ACPL-332J-500E Datasheet
299Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com