Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADJ24006 Datasheet(PDF) 6 Page - Panasonic Semiconductor

No. de pieza ADJ24006
Descripción Electrónicos  1-pole/2-pole 16A polarized power relays Variety of contact arrangements
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ADJ24006 Datasheet(HTML) 6 Page - Panasonic Semiconductor

  ADJ24006 Datasheet HTML 1Page - Panasonic Semiconductor ADJ24006 Datasheet HTML 2Page - Panasonic Semiconductor ADJ24006 Datasheet HTML 3Page - Panasonic Semiconductor ADJ24006 Datasheet HTML 4Page - Panasonic Semiconductor ADJ24006 Datasheet HTML 5Page - Panasonic Semiconductor ADJ24006 Datasheet HTML 6Page - Panasonic Semiconductor ADJ24006 Datasheet HTML 7Page - Panasonic Semiconductor ADJ24006 Datasheet HTML 8Page - Panasonic Semiconductor ADJ24006 Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
DJ (ADJ)
ASCTB176E 201202-T
2. 1 Form C, with a test button
External dimensions
General tolerance:
±0.3 ±.012
1 coil latching type
Single side stable type
2 coil latching type
10.16
9.0
9.0
13.0
10.16
13.0
9.0
10.16
13.0
3.50
3.50
3.5
16.0
18.2
6.3
15.24
29.0
1.80
5.08
5.08
.400
.354
.354
.512
.400
.512
.354
.400
.512
.138
.138
.138
.630
.717
.248
.600
1.142
.071
.200
.200
Schematic (Bottom view)
6
4
2
1
+8
9
8
+1
6
4
2
1 coil latching type
Single side stable type
2 coil latching type
8
+1
2
6
4
PC board pattern (Bottom view)
Tolerance:
±0.1 ±.004
2 coil latching type only
15.24
5.08
5.08
5.08
5.08
1.50 dia.
.600
.200
.200
.200
.200
0.59 dia.
CAD Data
3. 1 Form A, without a test button
External dimensions
General tolerance:
±0.3 ±.012
1 coil latching type
Single side stable type
2 coil latching type
1 coil latching type
2 coil latching type
Single side stable type only
10.16
13.0
10.16
13.0
10.16
13.0
3.50
3.50
3.5
16.0
15.24
29.0
1.80
5.08
5.08
.400
.512
.400
.512
.400
.512
.138
.138
.138
.630
.600
1.142
.071
.200
.200
Schematic (Bottom view)
4
2
1
+8
9
8
+14
2
1 coil latching type
Single side stable type
2 coil latching type
+1
8
6
4
PC board pattern (Bottom view)
Tolerance:
±0.1 ±.004
1 coil latching type
2 coil latching type
Single side stable type
1.50 dia.
1.50 dia.
2 coil latching type only
15.24
20.32
10.16
5.08
5.08
5.08
5.08
5.08
0.59 dia.
0.59 dia.
.600
.800
.400
.200
.200
.200
.200
.200
CAD Data
4. 1 Form A, with a test button
External dimensions
General tolerance:
±0.3 ±.012
1 coil latching type
Single side stable type
2 coil latching type
10.16
9.0
9.0
13.0
10.16
13.0
9.0
10.16
13.0
3.50
3.50
3.5
16.0
18.2
6.3
15.24
29.0
1.80
5.08
5.08
Single side stable type only
1 coil latching type
2 coil latching type
.400
.354
.354
.512
.400
.512
.354
.400
.512
.138
.138
.138
.630
.717
.248
.600
1.142
.071
.200
.200
Schematic (Bottom view)
4
2
1
+8
9
8
+14
2
1 coil latching type
Single side stable type
2 coil latching type
+1
8
6
4
PC board pattern (Bottom view)
Tolerance:
±0.1 ±.004
1 coil latching type
2 coil latching type
Single side stable type
1.50 dia.
1.50 dia.
2 coil latching type only
15.24
20.32
10.16
5.08
5.08
5.08
5.08
5.08
0.59 dia.
0.59 dia.
.600
.800
.400
.200
.200
.200
.200
.200
CAD Data


Número de pieza similar - ADJ24006

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Battery Group
ADJ PANASONICBATTERY-ADJ Datasheet
142Kb / 9P
   1-pole/2-pole 16A polarized power relays
logo
TAITRON Components Inco...
ADJ TAITRON-ADJ Datasheet
438Kb / 21P
   1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Ceramate Technical
ADJ-B CERAMATE-ADJ-B Datasheet
444Kb / 12P
   Low Dropout Linear Regulator
logo
TAITRON Components Inco...
ADJ-LD1117A50 TAITRON-ADJ-LD1117A50 Datasheet
438Kb / 21P
   1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Ferroxcube Internationa...
ADJ-P14 FERROXCUBE-ADJ-P14 Datasheet
58Kb / 1P
   P cores and accessories
More results

Descripción similar - ADJ24006

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Battery Group
ADJ PANASONICBATTERY-ADJ Datasheet
142Kb / 9P
   1-pole/2-pole 16A polarized power relays
logo
Panasonic Semiconductor
S2-12VDC PANASONIC-S2-12VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
S2-5VDC PANASONIC-S2-5VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
logo
Fujitsu Component Limit...
FTR-K1-16A FUJITSU-FTR-K1-16A Datasheet
621Kb / 8P
   POWER RELAY 1 POLE - 16A Silver Nickel Contact
logo
TE Connectivity Ltd
V23154 TEC-V23154 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
KHA TEC-KHA Datasheet
325Kb / 3P
   Two and four pole form C contact arrangements
logo
Fujitsu Component Limit...
FTR-K1-105C FUJITSU-FTR-K1-105C Datasheet
623Kb / 8P
   POWER RELAY 1 POLE - 16A 105C
logo
TE Connectivity Ltd
N-V23154 TEC-N-V23154 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
W-V23005 TEC-W-V23005 Datasheet
775Kb / 4P
   Great variety of contact arrangements and materials to meet specific applications
P-V23003 TEC-P-V23003 Datasheet
1Mb / 5P
   Great variety of contact arrangements and materials to meet specific applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com