Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KA293 Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza KA293
Descripción Electrónicos  Dual Differential Comparator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA293 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  KA293 Datasheet HTML 1Page - Fairchild Semiconductor KA293 Datasheet HTML 2Page - Fairchild Semiconductor KA293 Datasheet HTML 3Page - Fairchild Semiconductor KA293 Datasheet HTML 4Page - Fairchild Semiconductor KA293 Datasheet HTML 5Page - Fairchild Semiconductor KA293 Datasheet HTML 6Page - Fairchild Semiconductor KA293 Datasheet HTML 7Page - Fairchild Semiconductor KA293 Datasheet HTML 8Page - Fairchild Semiconductor KA293 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
KA293/KA293A, KA393/KA393A, KA2903
4
Electrical Characteristics (Continued)
(VCC =5V, TA=25
°C, unless otherwise specified)
NOTE 1
KA393 / KA393A : 0
≤ TA ≤ +70°C
KA293 / KA293A : -25
≤ TA ≤ +85°C
KA2903 : -40
≤ TA ≤ +85°C
Parameter
Symbol
Conditions
KA2903
Unit
Min.
Typ.
Max.
Input Offset Voltage
VIO
VO(P) =1.4V, RS =0
-
±1
±7
mV
VCM= 0 to 1.5V
Note 1
-
±9
±15
Input Offset Current
IIO
-
±5
±50
nA
Note 1
-
±50
±200
Input Bias Current
IBIAS
-
65
250
nA
Note 1
-
-
500
Input Common Mode
Voltage Range
VI(R)
0-
VCC-1.5
V
Note 1
0
-
VCC-2
Supply Current
ICC
RL =
∞ , VCC = 5V
-
0.6
1
mA
RL =
∞, VCC = 30V
-
1
2.5
Voltage Gain
GV
VCC =15V, RL
≥15KΩ(for large
VO(P-P)swing)
25
100
-
V/mV
Large Signal Response Time
TLRES
VI =TTL Logic Swing
VREF =1.4V, VRL =5V, RL =5.1K
-
350
-
nS
Response Time
TRES
VRL =5V, RL =5.1K
-1.5
-
µS
Output Sink Current
ISINK
VI(-)
≥1V, VI(+) =0V, VO(P) ≤1.5V
6
16
-
mA
Output Saturation Voltage
VSAT
VI(-)
≥1V, VI(+) =0V
-
160
400
mV
ISINK = 4mA
NOTE 1
-
-
700
Output Leakage Current
IO(LKG)
VI(-) = 0V,
VO(P) = 5V
-
0.1
-
nA
VI(+) = 1V
VO(P) = 30V
-
-
1.0
µA


Número de pieza similar - KA293

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA2901 FAIRCHILD-KA2901 Datasheet
86Kb / 8P
   Quad Comparator
KA2901 FAIRCHILD-KA2901 Datasheet
124Kb / 8P
   Quad Comparator
KA2901 FAIRCHILD-KA2901 Datasheet
124Kb / 8P
   Quad Comparator
logo
ON Semiconductor
KA2901 ONSEMI-KA2901 Datasheet
207Kb / 10P
   Quad Comparator
1/17/12 Rev. 1.0.5
logo
Fairchild Semiconductor
KA2901D FAIRCHILD-KA2901D Datasheet
86Kb / 8P
   Quad Comparator
More results

Descripción similar - KA293

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GTM CORPORATION
GSCLM393 GTM-GSCLM393 Datasheet
229Kb / 4P
   DUAL DIFFERENTIAL COMPARATOR
logo
Motorola, Inc
MC1414 MOTOROLA-MC1414 Datasheet
210Kb / 4P
   DUAL DIFFERENTIAL COMPARATOR
logo
SeCoS Halbleitertechnol...
SPWLM393D SECOS-SPWLM393D Datasheet
761Kb / 4P
   Dual Differential Comparator
SPWLM393S SECOS-SPWLM393S Datasheet
763Kb / 4P
   Dual Differential Comparator
logo
First Components Intern...
LM393 FCI-LM393 Datasheet
71Kb / 4P
   Dual Differential Comparator
logo
Texas Instruments
LM293-EP TI1-LM293-EP_14 Datasheet
346Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM393 UTC-LM393 Datasheet
181Kb / 5P
   DUAL DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM293-EP TI1-LM293-EP_16 Datasheet
346Kb / 8P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATOR
logo
Fairchild Semiconductor
LM2903 FAIRCHILD-LM2903 Datasheet
77Kb / 8P
   Dual Differential Comparator
logo
Unisonic Technologies
LM393 UTC-LM393_05 Datasheet
184Kb / 6P
   DUAL DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com