Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KA3030DTF Datasheet(PDF) 9 Page - Fairchild Semiconductor

No. de pieza KA3030DTF
Descripción Electrónicos  6-Channel Motor Drive IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3030DTF Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button KA3030DTF Datasheet HTML 5Page - Fairchild Semiconductor KA3030DTF Datasheet HTML 6Page - Fairchild Semiconductor KA3030DTF Datasheet HTML 7Page - Fairchild Semiconductor KA3030DTF Datasheet HTML 8Page - Fairchild Semiconductor KA3030DTF Datasheet HTML 9Page - Fairchild Semiconductor KA3030DTF Datasheet HTML 10Page - Fairchild Semiconductor KA3030DTF Datasheet HTML 11Page - Fairchild Semiconductor KA3030DTF Datasheet HTML 12Page - Fairchild Semiconductor KA3030DTF Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
KA3030D
9
3. UNDER / HIGH VOLTAGE PROTECTION CIRCUIT
• [UNDER VOLTGE PROTECTION]
• Normal state: VBGR = 2.5V < V1 = VCC × R2 / (R1 + R2)
• Normal state: VZ = V1 + V2 + V3 + VR
• [HIGH VOLTAGE]
• Mute state: V1 < VBGR (VCC is below 4V)
• Mute state: VCC > VZ (VCC is above 20V)
+
Mute control
VREF BG
R1
R2
Q
Mute control
Q
V1
V2
V3
VCC
VR
[UNDER VOLTGE PROTECTION]
[HIGH VOLTAGE]


Número de pieza similar - KA3030DTF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA3031 FAIRCHILD-KA3031 Datasheet
359Kb / 24P
   6-Channel Motor Drive IC
KA3032 FAIRCHILD-KA3032 Datasheet
348Kb / 24P
   5-Channel Motor Drive IC
KA3037 FAIRCHILD-KA3037 Datasheet
385Kb / 23P
   7-CH Motor Driver
KA3038 FAIRCHILD-KA3038 Datasheet
249Kb / 16P
   4-Channel Motor Drive IC
More results

Descripción similar - KA3030DTF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN8008 FAIRCHILD-FAN8008 Datasheet
360Kb / 24P
   6-Channel Motor Drive IC
FAN8033 FAIRCHILD-FAN8033 Datasheet
358Kb / 24P
   6-Channel Motor Drive IC
KA3031 FAIRCHILD-KA3031 Datasheet
359Kb / 24P
   6-Channel Motor Drive IC
KA9259D FAIRCHILD-KA9259D Datasheet
296Kb / 16P
   5-Channel Motor Drive IC
FAN8038B FAIRCHILD-FAN8038B Datasheet
249Kb / 16P
   4-Channel Motor Drive IC
KA3032 FAIRCHILD-KA3032 Datasheet
348Kb / 24P
   5-Channel Motor Drive IC
KA9259HD FAIRCHILD-KA9259HD Datasheet
616Kb / 16P
   5-Channel Motor Drive IC
FAN8038C FAIRCHILD-FAN8038C Datasheet
405Kb / 16P
   4-Channel Motor Drive IC
logo
Shenzhen Putianhe Techn...
TM1831 PTH-TM1831 Datasheet
196Kb / 7P
   6 channel LED drive IC
logo
Fairchild Semiconductor
KA7405D FAIRCHILD-KA7405D Datasheet
182Kb / 12P
   2-Channel DC Motor Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com