Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N7002K-AU_T2_00001 Datasheet(PDF) 2 Page - Pan Jit International Inc.

No. de pieza 2N7002K-AU_T2_00001
Descripción Electrónicos  60V N-Channel Enhancement Mode MOSFET - ESD Protected
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANJIT [Pan Jit International Inc.]
Página de inicio  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

2N7002K-AU_T2_00001 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  2N7002K-AU_T2_00001 Datasheet HTML 1Page - Pan Jit International Inc. 2N7002K-AU_T2_00001 Datasheet HTML 2Page - Pan Jit International Inc. 2N7002K-AU_T2_00001 Datasheet HTML 3Page - Pan Jit International Inc. 2N7002K-AU_T2_00001 Datasheet HTML 4Page - Pan Jit International Inc. 2N7002K-AU_T2_00001 Datasheet HTML 5Page - Pan Jit International Inc. 2N7002K-AU_T2_00001 Datasheet HTML 6Page - Pan Jit International Inc. 2N7002K-AU_T2_00001 Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PAGE . 2
October 29,2010-REV.02
ELECTRICALCHARACTERISTICS
VDD
VOUT
VIN
RG
RL
Switching
Test Circuit
Gate Charge
Test Circuit
VDD
VGS
RG
RL
1mA
P arameter
S ymbol
Test C ondi ti on
Mi n.
Typ.
Max.
Uni ts
Stati c
D rai n-S ource B reakdown Voltage
B V
DSS
V
GS=0 V , ID=1 0 μ A6 0
-
-
V
Gate Threshold Voltage
V
GS(th)
V
DS=V GS , ID =2 5 0 μ A1
-
2.5
V
D rai n-S ource On-S tate Resi s tance
R
DS(on)
V
GS=4.5V , I D=200mA
-
-
4.0
Ω
D rai n-S ource On-S tate Resi s tance
R
DS(on)
V
GS=10V , I D=500mA
-
-
3.0
Zero Gate Voltage D rai n C urrent
I
DS S
V
DS=60V , VGS=0V
--1
μ
A
Gate Body Leakage
I
GS S
V
GS=+ 20V , V DS=0 V
-
-
+10
μ
A
Forward Transconductance
g
fS
V
DS= 15V , ID = 250m A
100
-
-
mS
Dynamic
Total Gate C harge
Q
g
V
DS= 15V, ID =2 0 0 m A
V
GS=5V
--
0.8
nC
Turn-On Ti me
t
on
V
DD=30V , RL=150Ω
I
D=200mA , VGEN=10V
R
G=10Ω
--
20
ns
Turn-Off Ti me
t
off
--
40
Input C apaci tance
C
iss
V
DS= 25V , V GS=0 V
f=1.0MH
Z
--
35
pF
Output C apaci tance
C
oss
--
10
Reverse Transfer C apaci tance
C
rss
--
5
S ource-D rai n D i ode
D i ode F orward Voltage
V
SD
I
S=200mA , VGS=0V
-
0.82
1.3
V
C onti nuous D i ode F orward C urrent
I
S
-
-
-
300
mA
P ulse D i ode Forward C urrent
I
SM
-
-
-
2000
mA
2N7002K-AU


Número de pieza similar - 2N7002K-AU_T2_00001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
2N7002K-AU PANJIT-2N7002K-AU_15 Datasheet
234Kb / 7P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
More results

Descripción similar - 2N7002K-AU_T2_00001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HY ELECTRONIC CORP.
2N7002KDW HY-2N7002KDW Datasheet
256Kb / 4P
   60V ESD Protected N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
2N7002KDW PANJIT-2N7002KDW_14 Datasheet
170Kb / 6P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KW PANJIT-2N7002KW_14 Datasheet
131Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KW PANJIT-2N7002KW Datasheet
170Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KDW PANJIT-2N7002KDW_10 Datasheet
119Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KTB PANJIT-2N7002KTB Datasheet
117Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KTB6 PANJIT-2N7002KTB6 Datasheet
150Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002K-AU PANJIT-2N7002K-AU_15 Datasheet
234Kb / 7P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KW PANJIT-2N7002KW_10 Datasheet
162Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KDW-AU PANJIT-2N7002KDW-AU Datasheet
326Kb / 7P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com