Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KA3403 Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza KA3403
Descripción Electrónicos  Quad Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3403 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  KA3403 Datasheet HTML 1Page - Fairchild Semiconductor KA3403 Datasheet HTML 2Page - Fairchild Semiconductor KA3403 Datasheet HTML 3Page - Fairchild Semiconductor KA3403 Datasheet HTML 4Page - Fairchild Semiconductor KA3403 Datasheet HTML 5Page - Fairchild Semiconductor KA3403 Datasheet HTML 6Page - Fairchild Semiconductor KA3403 Datasheet HTML 7Page - Fairchild Semiconductor KA3403 Datasheet HTML 8Page - Fairchild Semiconductor KA3403 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
KA3303/KA3403
5
Electrical Characteristics
(VCC = 5.0V, VEE = GND, TA=25
°C unless otherwise specified)
Parameter
Symbol
Conditions
KA3303
KA3403
Unit
Min. Typ. Max. Min. Typ. Max.
Input Offset Voltage
VIO
--
-
10
-
2.0
10
mV
Input Offset Current
IIO
-
-
-
75
-
30
50
nA
Input Bias Current
IBIAS
-
-
-
500
-
200
500
nA
Large Signal Open
Loop Voltage Gain
GV
RL = 2.0K
10
200
-
10
200
-
V/mV
Power Supply
Rejection Ratio
PSRR
-
-
-
150
-
-
150
µV/V
Output Voltage Range
VO(P-P)
RL = 10K
Ω, VCC = 5.0V
3.3
3.5
-
3.3
3.5
-
V
RL =10K
Ω, 5.0V ≤ VCC ≤ 30V
VCC
-2.0
VCC
-1.7
-
VCC
-2.0
VCC
-1.7
-
Supply Current
ICC
-
-
2.5
7.0
-
2.5
7.0
mA
Channel Separation
CS
f = 1KHz to 20KHz
-
120
-
-
120
-
dB


Número de pieza similar - KA3403

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA34063 FAIRCHILD-KA34063 Datasheet
42Kb / 6P
   SMPS Controller
logo
ON Semiconductor
KA34063 ONSEMI-KA34063 Datasheet
166Kb / 8P
   SMPS Controller
9/10/02 Rev. 1.0.1
logo
Fairchild Semiconductor
KA34063A FAIRCHILD-KA34063A Datasheet
42Kb / 6P
   SMPS Controller
KA34063A FAIRCHILD-KA34063A Datasheet
48Kb / 6P
   Operation From 3.0 to 40V Input
logo
ON Semiconductor
KA34063A ONSEMI-KA34063A Datasheet
166Kb / 8P
   SMPS Controller
9/10/02 Rev. 1.0.1
More results

Descripción similar - KA3403

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA14741 ROHM-BA14741 Datasheet
50Kb / 4P
   Quad operational amplifier
logo
Fujitsu Component Limit...
MB3614 FUJITSU-MB3614 Datasheet
89Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17301P HITACHI-HA17301P Datasheet
61Kb / 14P
   Quad Operational Amplifier
HA17474 HITACHI-HA17474 Datasheet
31Kb / 5P
   Quad Operational Amplifier
logo
Silicon Supplies
LM324A SS-LM324A Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
First Silicon Co., Ltd
FA324P FS-FA324P Datasheet
124Kb / 4P
   QUAD OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA324 FAIRCHILD-KA324_12 Datasheet
177Kb / 12P
   Quad Operational Amplifier
logo
New Japan Radio
NJM2112 NJRC-NJM2112 Datasheet
218Kb / 5P
   QUAD OPERATIONAL AMPLIFIER
NJM2058 NJRC-NJM2058 Datasheet
226Kb / 6P
   QUAD OPERATIONAL AMPLIFIER
NJM2060 NJRC-NJM2060 Datasheet
231Kb / 6P
   QUAD OPERATIONAL AMPLIFIER?
logo
Fujitsu Component Limit...
MB3615 FUJITSU-MB3615 Datasheet
82Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com