Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KA3504 Datasheet(PDF) 11 Page - Fairchild Semiconductor

No. de pieza KA3504
Descripción Electrónicos  PC SMPS Supervisory IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3504 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button KA3504 Datasheet HTML 4Page - Fairchild Semiconductor KA3504 Datasheet HTML 5Page - Fairchild Semiconductor KA3504 Datasheet HTML 6Page - Fairchild Semiconductor KA3504 Datasheet HTML 7Page - Fairchild Semiconductor KA3504 Datasheet HTML 8Page - Fairchild Semiconductor KA3504 Datasheet HTML 9Page - Fairchild Semiconductor KA3504 Datasheet HTML 10Page - Fairchild Semiconductor KA3504 Datasheet HTML 11Page - Fairchild Semiconductor KA3504 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
KA3504
11
Mechanical Dimensions
Package
Dimensions in millimeters
#1
#8
#9
#16
6.40
±0.20
7.62
0.300
0.252
±0.008
0~15°
0.25
+0.10
–0.05
0.010
+0.004
–0.002
3.30
±0.30
0.130
±0.012
3.25
±0.20
0.128
±0.008
5.08
0.200
0.38
0.014
MAX
MIN
16-DIP


Número de pieza similar - KA3504

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA350 FAIRCHILD-KA350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
KA3501 FAIRCHILD-KA3501 Datasheet
41Kb / 6P
   PC SMPS Supervisory IC
KA3502 FAIRCHILD-KA3502 Datasheet
89Kb / 14P
   PC SMPS Supervisory IC
KA3505 FAIRCHILD-KA3505 Datasheet
324Kb / 14P
   PC SMPS Supervisory IC
More results

Descripción similar - KA3504

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA3502 FAIRCHILD-KA3502 Datasheet
89Kb / 14P
   PC SMPS Supervisory IC
KA3505 FAIRCHILD-KA3505 Datasheet
324Kb / 14P
   PC SMPS Supervisory IC
KA3501 FAIRCHILD-KA3501 Datasheet
41Kb / 6P
   PC SMPS Supervisory IC
FAN3506 FAIRCHILD-FAN3506 Datasheet
191Kb / 16P
   PC SMPS Secondary Side Control IC
logo
ON Semiconductor
NCP4350 ONSEMI-NCP4350 Datasheet
139Kb / 10P
   Supervisory IC
September, 2007 - Rev. 0
logo
Sanken electric
STR-F6600 SANKEN-STR-F6600 Datasheet
191Kb / 4P
   SMPS PRIMARY IC
STR-F6612 SANKEN-STR-F6612 Datasheet
191Kb / 4P
   SMPS PRIMARY IC
logo
Anpec Electronics Corop...
APL6536 ANPEC-APL6536 Datasheet
181Kb / 13P
   Four-Channel Supervisory IC
logo
Renesas Technology Corp
ISL6536 RENESAS-ISL6536 Datasheet
467Kb / 7P
   Four Channel Supervisory IC
logo
Intersil Corporation
ISL6536A INTERSIL-ISL6536A Datasheet
134Kb / 6P
   Four Channel Supervisory IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com