Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD574AJN Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD574AJN
Descripción Electrónicos  Complete 12-bit AD Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD574AJN Datasheet(HTML) 9 Page - Analog Devices

Back Button AD574AJN Datasheet HTML 4Page - Analog Devices AD574AJN Datasheet HTML 5Page - Analog Devices AD574AJN Datasheet HTML 6Page - Analog Devices AD574AJN Datasheet HTML 7Page - Analog Devices AD574AJN Datasheet HTML 8Page - Analog Devices AD574AJN Datasheet HTML 9Page - Analog Devices AD574AJN Datasheet HTML 10Page - Analog Devices AD574AJN Datasheet HTML 11Page - Analog Devices AD574AJN Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD574A
REV. B
–9–
Figure 7 shows a complete timing diagram for the AD574A con-
vert start operation. R/C should be low before both CE and CS
are asserted; if R/C is high, a read operation will momentarily
occur, possibly resulting in system bus contention. Either CE or
CS
may be used to initiate a conversion; however, use of CE is
recommended since it includes one less propagation delay than
CS
and is the faster input. In Figure 7, CE is used to initiate the
conversion.
Figure 7. Convert Start Timing
Once a conversion is started and the STS line goes high, convert
start commands will be ignored until the conversion cycle is
complete. The output data buffers cannot be enabled during
conversion.
Figure 8 shows the timing for data read operations. During data
read operations, access time is measured from the point where
CE and R/C both are high (assuming CS is already low). If CS
is used to enable the device, access time is extended by 100 ns.
Figure 8. Read Cycle Timing
In the 8-bit bus interface mode (12/8 input wired to DIGITAL
COMMON), the address bit, AO, must be stable at least 150 ns
prior to CE going high and must remain stable during the entire
read cycle. If AO is allowed to change, damage to the AD574A
output buffers may result.
Table III. Read Timing—Full Control Mode
Symbol
Parameter
Min Typ
Max
Units
tDD
1
Access Time (from CE)
200
ns
tHD
Data Valid After CE Low
25
ns
tHL
2
Output Float Delay
100
ns
tSSR
CS
to CE Setup
150
ns
tSRR
R/C to CE Setup
0
ns
tSAR
AO to CE Setup
150
ns
tHSR
CS
Valid After CE Low
50
ns
tHRR
R/C High After CE Low
0
ns
tHAR
AO Valid After CE Low
50
ns
NOTES
1t
DD is measured with the load circuit of Figure 9 and defined as the time
required for an output to cross 0.4 V or 2.4 V.
2t
HL is defined as the time required for the data lines to change 0.5 V when
loaded with the circuit of Figure 10.
a. High-Z to Logic 1
b. High-Z to Logic 0
Figure 9. Load Circuit for Access Time Test
a. Logic 1 to High-Z
b. Logic 0 to High-Z
Figure 10. Load Circuit for Output Float Delay Test
“STAND-ALONE” OPERATION
The AD574A can be used in a “stand-alone” mode, which is
useful in systems with dedicated input ports available and thus
not requiring full bus interface capability.
In this mode, CE and 12/8 are wired high, CS and AO are wired
low, and conversion is controlled by R/C. The three-state buff-
ers are enabled when R/C is high and a conversion starts when
R/C goes low. This allows two possible control signals—a high
pulse or a low pulse. Operation with a low pulse is shown in
Figure 11. In this case, the outputs are forced into the high
impedance state in response to the falling edge of R/C and return
Figure 11. Low Pulse for R/C—Outputs Enabled After
Conversion


Número de pieza similar - AD574AJN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD574AJNZ AD-AD574AJNZ Datasheet
781Kb / 12P
   Complete 12-Bit Converter
REV. B
More results

Descripción similar - AD574AJN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD574AJNZ AD-AD574AJNZ Datasheet
781Kb / 12P
   Complete 12-Bit Converter
REV. B
AD574AKD AD-AD574AKD Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
AD574AJDZ AD-AD574AJDZ Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
AD574AJP AD-AD574AJP Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
AD574A AD-AD574A Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
AD574AUD AD-AD574AUD Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
AD574AJPZ AD-AD574AJPZ Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
AD5452YUJZ-REEL7 AD-AD5452YUJZ-REEL7 Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
AD574A AD-AD574A_15 Datasheet
781Kb / 12P
   COMPLETE 12 BIT A/D CONVERTER
REV. B
AD574ATD-883B AD-AD574ATD-883B Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com