Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
4N29 Datasheet(PDF) 2 Page - ISOCOM COMPONENTS |
|
4N29 Datasheet(HTML) 2 Page - ISOCOM COMPONENTS |
2 / 3 page PARAMETER MIN TYP MAX UNITS TEST CONDITION Input Forward Voltage (V F) 1.2 1.5 V I F = 50mA Reverse Current (I R)10 μAV R = 6V Output Collector-emitter Breakdown (BV CEO)30 V I C = 1mA (note 2) Collector-base Breakdown (BV CBO)50 V I C = 100μA Emitter-collector Breakdown (BV ECO)5 V I E = 100μA Collector-emitter Dark Current (I CEO) 100 nA V CE = 10V Coupled Collector Output Current ( I C ) (Note 2 ) 4N32, 4N33 50 mA 10mA I F , 10V VCE 4N29, 4N30 10 mA 10mA I F , 10V VCE 4N31 5 mA 10mA I F , 10V VCE Collector-emitter Saturation VoltageV CE(SAT) 4N29,4N30,4N32,4N33 1.0 V 8mA I F , 2mA IC 4N31 1.2 V 8mA I F , 2mA IC Input to Output Isolation Voltage V ISO 5300 V RMS (note 1) 7500 V PK (note 1) Input-output Isolation Resistance R ISO 5x10 10 Ω V IO = 500V (note 1) Output Turn on Time ton 5 μsV CC = 10V, IC= 50mA, Output Turn off Time I F = 200mA , 4N32, 4N33 toff 100 μs Pulse Width = 1ms 4N29, 4N30, 4N31 40 μs fig.1 ELECTRICAL CHARACTERISTICS ( T A = 25°C Unless otherwise noted ) Note 1 Measured with input leads shorted together and output leads shorted together. Note 2 Special Selections are available on request. Please consult the factory. 28/11/08 Input Output 10% 90% 10% 90% t off t r t on t f Output V CC = 10V I C = 50mA I F = 200mA, Pulse width = 1ms Input FIGURE 1 DB90048-AAS/A4 |
Número de pieza similar - 4N29 |
|
Descripción similar - 4N29 |