Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD26IC0WEFJ-E2 Datasheet(PDF) 1 Page - Rohm

No. de pieza BD26IC0WEFJ-E2
Descripción Electrónicos  1A Variable Fixed Output LDO Regulators
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD26IC0WEFJ-E2 Datasheet(HTML) 1 Page - Rohm

  BD26IC0WEFJ-E2 Datasheet HTML 1Page - Rohm BD26IC0WEFJ-E2 Datasheet HTML 2Page - Rohm BD26IC0WEFJ-E2 Datasheet HTML 3Page - Rohm BD26IC0WEFJ-E2 Datasheet HTML 4Page - Rohm BD26IC0WEFJ-E2 Datasheet HTML 5Page - Rohm BD26IC0WEFJ-E2 Datasheet HTML 6Page - Rohm BD26IC0WEFJ-E2 Datasheet HTML 7Page - Rohm BD26IC0WEFJ-E2 Datasheet HTML 8Page - Rohm BD26IC0WEFJ-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product is not designed with protection against radioactive rays.
1/23
Datasheet
TSZ02201-0R6R0A600430-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・14・001
21.Dec.2012 Rev.002
1A Variable / Fixed Output
LDO Regulators
BDxxIC0WEFJ / BDxxIC0WHFV
●General Description
BDxxIC0W series devices are LDO regulators with an output current of 1.0A. The output accuracy is ±1% of the output
voltage. Both fixed and variable output voltage devices are available. The output voltage of the variable output voltage
device can be varied from 0.8 to 4.5V using external resistors. Various fixed output voltage devices that do not use external
resistors are also available. These LDO regulators are available in two package types: HTSOP-J8 (4.90mm x 6.00mm x
1.00mm) and HVSOF6 (1.60mm x 3.00mm x 0.75mm), and can be used in a wide variety of digital appliances. These
devices have built in over current protection to protect the device when output is shorted, 0µA shutdown mode and thermal
shutdown circuit to protect the device during over load conditions. These LDO regulators are usable with ceramic capacitors
that enable a smaller layout and longer life.
●Features
+/-1% output voltage accuracy
Built-in Over Current Protection circuit (OCP)
Built-in Thermal Shut Down circuit (TSD)
Zero µA Shutdown mode
●Key Specifications
■ Input Power Supply Voltage range:
2.4V to 5.5V
■ Output Voltage range(Variable type):
0.8V to 4.5V
■ Output Voltage(Fixed type):
1.0V/1.2V/1.25V/1.5V
1.8V/2.5V/2.6V/3.0V/3.3V
(1.25V/2.6V:HVSOF6 only)
■ Output Current:
1.0A (Max.)
■ Shutdown Current:
0 µA (Typ.)
■ Operating Temperature Range:
-25 to +85℃
●Typical Application Circuit
●Package
(Typ.)
(Typ.)
(Max.)
HTSOP-J8
4.90mm x 6.00mm x 1.00mm
HVSOF6
1.60mm x 3.00mm x 0.75mm
HTSOP-J8
HVSOF6
R1
VO
VCC
EN
GND
FIN
R2
FB
COUT
CIN
CIN,COUT : Ceramic Capacitor
Output voltage variable type
VO
VCC
EN
GND
FIN
VO_S
COUT
CIN
CIN,COUT : Ceramic Capacitor
Output voltage fixed type


Número de pieza similar - BD26IC0WEFJ-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD2606MVV ROHM-BD2606MVV Datasheet
1Mb / 20P
   6-Channel Charge Pump White LED Driver
BD2606MVV-E2 ROHM-BD2606MVV-E2 Datasheet
1Mb / 20P
   6-Channel Charge Pump White LED Driver
logo
BeRex Corporation
BD2626 BEREX-BD2626 Datasheet
822Kb / 4P
   Dual Band 2-Way SMT Power Divider
BD2626 BEREX-BD2626 Datasheet
573Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD2626 BEREX-BD2626_18 Datasheet
573Kb / 5P
   Dual Band 2-Way SMT Power Divider
More results

Descripción similar - BD26IC0WEFJ-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00GC0WEFJ-E2 ROHM-BD00GC0WEFJ-E2 Datasheet
476Kb / 22P
   1A Variable Fixed Output LDO Regulator
BD00HC5WEFJ ROHM-BD00HC5WEFJ_12 Datasheet
494Kb / 22P
   1.5A Variable Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com