Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADL5590 Datasheet(PDF) 1 Page - Analog Devices

No. de pieza ADL5590
Descripción Electrónicos  Correcting Imperfections in IQ Modulators to Improve RF Signal Fidelity
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADL5590 Datasheet(HTML) 1 Page - Analog Devices

  ADL5590 Datasheet HTML 1Page - Analog Devices ADL5590 Datasheet HTML 2Page - Analog Devices ADL5590 Datasheet HTML 3Page - Analog Devices ADL5590 Datasheet HTML 4Page - Analog Devices ADL5590 Datasheet HTML 5Page - Analog Devices ADL5590 Datasheet HTML 6Page - Analog Devices ADL5590 Datasheet HTML 7Page - Analog Devices ADL5590 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AN-1039
APPLICATION NOTE
One Technology Way • P.O. Box 9106 • Norwood, MA 02062-9106, U.S.A. • Tel: 781.329.4700 • Fax: 781.461.3113 • www.analog.com
Correcting Imperfections in IQ Modulators to Improve RF Signal Fidelity
by Eamon Nash
Rev. 0 | Page 1 of 8
INTRODUCTION
The in-phase and quadrature modulator (IQ modulator) is a
key component in modern wireless transmitters. It provides a
convenient method for modulating data bits or symbols onto
an RF carrier. IQ upconversion has become the architecture
of choice for implementing transmitter signal chains for end
applications such as cellular, WiMAX, and wireless point-to-
point. IQ modulators, however, can degrade signal fidelity in
ways that are somewhat unique. These effects can degrade the
quality of the transmitted signal during the modulation process,
resulting in degraded error vector magnitude (EVM) at the
receiver, which in turn degrades bit error rate (BER). Fortu-
nately, algorithms exist that can correct these imperfections.
This application note describes a typical zero-IF or direct-
conversion transmitter and provides a brief introduction to
digital modulation. Other items discussed are: the imper-
fections introduced by the modulator are examined with
particular focus on the effect of temperature and frequency
changes, in-factory and in-field algorithms that can reduce the
effect of these modulator imperfections is also discussed, and
particular focus is placed on the efficacy of in-factory set-and-
forget algorithms.
A TYPICAL WIRELESS TRANSMITTER
Figure 1 shows a block diagram of a direct-conversion wireless
transmitter that uses an IQ modulator to modulate a bit stream
onto a carrier. A single bit stream is split into two parallel bit
streams at half the original data rate. To limit the spectral band-
width of the final carrier, the two bit streams are low-pass filtered
in the digital domain. To do this, the original bit-streams must
be digitally oversampled by the digital signal processor or field
programmable gate array (FPGA). So, instead of two bit streams,
there are now two streams of digital words. The chosen resolu-
tion of these words depends upon multiple factors such as the
required signal-to-noise ratio of the link and the chosen mod-
ulation scheme (QPSK in this case). Word widths between 12
and 16 bits are commonly chosen.
AD8363
50dB RMS
DETECTOR
SPECTRUM
ANALYZER
AD8352
FPGA OR DSP
DIGITAL
DEMOD
1.5
1.0
2.0
TIME (msec)
–600
–400
–200
0
200
400
600
–800
800
–600
–400
–200
0
200
400
600
–800
800
–600
–400
–200
0
200
400
600
–800
800
–600
–400
–200
0
200
400
600
–800
800
1.5
1.0
2.0
TIME (msec)
–600
–400
–200
200
0
400
600
–800
800
1.829
1.329
2.329
TIME (msec)
OVERSAMPLE
LOW-PASS
FILTER
OVERSAMPLE
LOW-PASS
FILTER
AD9230
HPA
ADL5320
50
50
90°
100
100
LOW-
PASS
FILTER
LOW-
PASS
FILTER
GAIN
DAC 1
AUX
DAC1
16-BIT
I DAC
PHASE
ADJUST
AD9788
ADL5375
AUX
DAC2
GAIN
DAC 2
16-BIT
Q DAC
PHASE
ADJUST
I
Q
DIGITAL
FILTER
DIGITAL
FILTER
Figure 1. A Zero IF Direct-Conversion Transmitter with Optional Loop-Back Receiver


Número de pieza similar - ADL5590

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADL5590 AD-ADL5590 Datasheet
217Kb / 8P
   869 MHz to 1990 MHz Quadrature Modulators
REV. 0
ADL5590ACPZ-R7 AD-ADL5590ACPZ-R7 Datasheet
217Kb / 8P
   869 MHz to 1990 MHz Quadrature Modulators
REV. 0
ADL5590 AD-ADL5590_15 Datasheet
218Kb / 8P
   869 MHz to 1990 MHz Quadrature Modulators
REV. 0
More results

Descripción similar - ADL5590

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA7053 SANYO-LA7053 Datasheet
66Kb / 3P
   Video, Audio Signal Processor for UHF Band RF Modulators
logo
Freescale Semiconductor...
MC44CC373CA FREESCALE-MC44CC373CA Datasheet
436Kb / 28P
   CMOS Audio/Video RF Modulators
logo
Siemens Semiconductor G...
BF771 SIEMENS-BF771 Datasheet
19Kb / 3P
   NPN Silicon RF Transistor (For modulators and amplifiers in TV and VCR tuners)
BF771W SIEMENS-BF771W Datasheet
19Kb / 3P
   NPN Silicon RF Transistor (For modulators and amplifiers in TV and VCR tuners)
logo
List of Unclassifed Man...
CLG04P050L28 ETC2-CLG04P050L28 Datasheet
907Kb / 26P
   Super Capacitors To Improve Power Performance.
logo
Panasonic Semiconductor
MN101E34 PANASONIC-MN101E34 Datasheet
321Kb / 3P
   Correcting address designation: Up to 7 addresses possible
logo
Bothhand USA, LP.
KLU1T516-34-LF BOTHHAND-KLU1T516-34-LF Datasheet
225Kb / 2P
   Reduced EMI radiation to improve EMI performance
KLU1T041C-43-LF BOTHHAND-KLU1T041C-43-LF Datasheet
227Kb / 2P
   Reduced EMI radiation to improve EMI performance
KLU1T041C-34-LF BOTHHAND-KLU1T041C-34-LF Datasheet
792Kb / 2P
   Reduced EMI radiation to improve EMI performance
KLU4S041X-LF BOTHHAND-KLU4S041X-LF Datasheet
220Kb / 2P
   Reduced EMI radiation to improve EMI performance
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com