Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MRF847 Datasheet(PDF) 2 Page - Motorola, Inc

No. de pieza MRF847
Descripción Electrónicos  RF POWER TRANSISTOR NPN SILICON
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF847 Datasheet(HTML) 2 Page - Motorola, Inc

  MRF847 Datasheet HTML 1Page - Motorola, Inc MRF847 Datasheet HTML 2Page - Motorola, Inc MRF847 Datasheet HTML 3Page - Motorola, Inc MRF847 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MRF847
2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS — continued (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = 2.0 Adc, VCE = 5.0 Vdc)
hFE
40
65
120
DYNAMIC CHARACTERISTICS
Output Capacitance
(VCB = 12.5 Vdc, IE = 0, f = 1.0 MHz)
Cob
75
90
pF
FUNCTIONAL TESTS
Common–Base Amplifier Power Gain
(VCC = 12.5 Vdc, Pout = 45 W, f = 870 MHz)
GPB
4.5
5.5
dB
Collector Efficiency
(VCC = 12.5 Vdc, Pout = 45 W, f = 870 MHz)
ηc
60
68
%
Load Mismatch
(VCC = 15.5 Vdc, Pin = 16 W, f = 870 MHz,
VSWR = 10:1, All Phase Angles)
ψ
No Degradation in Output Power
Figure 1. 806 – 870 MHz Broadband Test Circuit
C1 — 51 pF, 100 mil Chip Capacitor
C2 — 12 pF, Mini–Underwood
C3 — 11 pF, Mini–Underwood
C4, C5 — 21 pF, Mini–Underwood
C6 — 0.08 – 8.0 pF Johansen Gigatrim
C7 — 47 pF, 100 mil Chip Capacitor
C8, C13 — 10
µF, 25 WV Electrolytic Capacitor
C9, C12 — 1000 pF Unelco J101
C10, C11 — 91 pF Mini–Underwood
L1, L2 — 4 Turns #18 Enameled, 200 mil ID
L3, L4 — 12 Turns #22 Enameled, Wound Over 10
Ω Resistor
TL1, TL4 — 50
Ω Microstrip Line
TL2 — Microstrip (Zo = 38 ohms, λ/4 @ 838 MHz)
TL3 — Microstrip (Zo = 28 ohms, λ/4 @ 838 MHz)
Board Material — 0.032
″ Glass–Teflon, 2 oz. cu. clad, εr = 2.56
B — Ferrite Bead, Ferroxcube 56–590–65–3B
Vre PORT
SOCKET ASSY.
C1
C10
D.U.T.
B
+
+12.5 V
50
TL1
TL2
TL3
TL4
+
50
L3
C8
C9
L1
C3
C4
C2
C5
C6
C7
C11
C12
C13
B
L4
L2


Número de pieza similar - MRF847

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MRF840 MOTOROLA-MRF840 Datasheet
91Kb / 4P
   RF POWER TRANSISTOR NPN SILICON
MRF842 MOTOROLA-MRF842 Datasheet
100Kb / 6P
   RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
MRF846 ASI-MRF846 Datasheet
14Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
MRF846 NJSEMI-MRF846 Datasheet
50Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
Motorola, Inc
MRF848 MOTOROLA-MRF848 Datasheet
107Kb / 3P
   RF POWER TRANSISTOR
More results

Descripción similar - MRF847

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
   Silicon NPN Transistor RF Power Transistor
logo
Advanced Semiconductor
CBSL100 ASI-CBSL100 Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
CBSL150 ASI-CBSL150 Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
HF15-28S ASI-HF15-28S Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MLN1027S ASI-MLN1027S Datasheet
16Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
   RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
   RF POWER TRANSISTOR NPN SILICON
MRF455 MACOM-MRF455 Datasheet
92Kb / 3P
   RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLX39 ASI-BLX39 Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MRF839F ASI-MRF839F Datasheet
15Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com