Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KA5Q0740RTTU Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza KA5Q0740RTTU
Descripción Electrónicos  Fairchild Power Switch(FPS)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA5Q0740RTTU Datasheet(HTML) 3 Page - Fairchild Semiconductor

  KA5Q0740RTTU Datasheet HTML 1Page - Fairchild Semiconductor KA5Q0740RTTU Datasheet HTML 2Page - Fairchild Semiconductor KA5Q0740RTTU Datasheet HTML 3Page - Fairchild Semiconductor KA5Q0740RTTU Datasheet HTML 4Page - Fairchild Semiconductor KA5Q0740RTTU Datasheet HTML 5Page - Fairchild Semiconductor KA5Q0740RTTU Datasheet HTML 6Page - Fairchild Semiconductor KA5Q0740RTTU Datasheet HTML 7Page - Fairchild Semiconductor KA5Q0740RTTU Datasheet HTML 8Page - Fairchild Semiconductor KA5Q0740RTTU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
KA5Q0740RT
3
Electrical Characteristics (SFET Part)
(Ta=25
°C unless otherwise specified)
Note:
1. Pulse test : Pulse width
≤ 300µS, duty ≤ 2%
Parameter
Symbol
Condition
Min.
Typ. Max.
Unit
Drain-Source Breakdown Voltage
BVDSS
VGS = 0V, ID = 50
µA
400
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS = Max, Rating, VGS = 0V
-
-
200
µA
VDS= 0.8*Max., Rating
VGS = 0V, TC = 85
°C
-
-
300
µA
Static Drain-source on Resistance (Note)
RDS(ON)
VGS = 10V, ID = 2.3A
-
0.9
1.1
Input Capacitance
Ciss
VGS = 0V, VDS = 25V,
f = 1MHz
-
710
-
pF
Output Capacitance
Coss
-
90
-
Reverse Transfer Capacitance
Crss
-
10
-
Turn on Delay Time
td(on)
VDD= 0.5BVDSS, ID= 7.0A
(MOSFET switching
time are essentially
independent of operating
temperature)
-15
-
nS
Rise Time
tr
-
55
-
Turn Off Delay Time
td(off)
-
55
-
Fall Time
tf
-
50
-
Total Gate Charge
(Gate-Source+Gate-Drain)
Qg
VGS = 10V, ID = 7.0A,
VDS = 0.5B VDSS (MOSFET
Switching time are Essentially
independent of operating
temperature)
-20
26
nC
Gate-Source Charge
Qgs
-
4.0
-
Gate-Drain (Miller) Charge
Qgd
-
7.3
-


Número de pieza similar - KA5Q0740RTTU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA5Q0740RTTU FAIRCHILD-KA5Q0740RTTU Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
More results

Descripción similar - KA5Q0740RTTU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com