Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9122 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD9122
Descripción Electrónicos  High Dynamic Range RF Transmitter Signal Chain Using Single External Frequency Reference for DAC Sample Clock and IQ Modulator LO Generation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9122 Datasheet(HTML) 4 Page - Analog Devices

  AD9122 Datasheet HTML 1Page - Analog Devices AD9122 Datasheet HTML 2Page - Analog Devices AD9122 Datasheet HTML 3Page - Analog Devices AD9122 Datasheet HTML 4Page - Analog Devices AD9122 Datasheet HTML 5Page - Analog Devices AD9122 Datasheet HTML 6Page - Analog Devices AD9122 Datasheet HTML 7Page - Analog Devices AD9122 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CN-0243
Circuit Note
Rev. 0 | Page 4 of 8
4. To achieve optimal performance from the filter, these
traces should be 100 Ω differential, or 50 Ω per line.
Note that with typical FR4 material, a 50 Ω line results
from a T/W ratio of 2:1.
If higher impedance lines are desired it should be
understood that the impedance of the line is a
nonlinear function of T/W (T = board layer thickness,
W = width of trace). A thinner line results in a higher
impedance line. With typical FR4 layer thicknesses, a
100 Ω line can get very thin, often close to minimum
design constraints. One solution to this is to void the
ground layer underneath the trace and put another
ground layer on the third layer of the PCB. This
effectively doubles T and allows for a wider trace.
DAC_MOD Interface Filter Topology
Figure 5 shows a typical topology which gives a 5th order
maximally flat Butterworth response for a differential input and
output impedance of 100 Ω.. The actual response is given in
Figure 6. This filter uses 4.6 pF capacitors at the source and load.
This magnitude of capacitor value (<20 pF) is typical of filters
with high cutoff frequencies. Parasitics may have a significant
effect on response when using these small capacitor values.
L
L1
L = 58.5nH
R = 1pΩ
PORT
IP_BB
NUM = 1
PORT
IN_BB
NUM = 3
PORT
IP_MOD
NUM = 2
PORT
IN_MOD
NUM = 4
C
C1
C = 4.46893pF
C
C2
C = 14.461762pF
C
C3
C = 4.46893pF
L
L2
L = 58.5nH
R = 1pΩ
L
L3
L = 58.5nH
R = 1pΩ
L
L4
L = 58.51nH
R = 1pΩ
Figure 5. DAC/Mod Interface Filter Topology, 5th Order Butterworth,
3 dB BW = 220 MHz, 100 Ω Differential Input and Output Impedance
0
–70
–60
–50
–40
–30
–20
–10
0
0.2
0.4
0.6
0.8
1.0
FREQUENCY (GHz)
S1
SPC
Figure 6. Frequency Response of Filter Topology Given in Figure 5
DAC and Distortion Related Spurious Components
The use of DAC interpolation filters by themselves can reduce
the spurious content at the modulator input and, therefore, the
spurious content at RF. However, there may still be significant
spurious content. Figure 7 shows the RF output spectrum of the
IQ modulator under the following conditions;
FLO = 1940 MHz
DAC input data rate = 300 MSPS
DAC interpolation = 4×
DAC NCO frequency = 150 MHz
DAC input IF frequency = 8 MHz
Note that the strongest spurious component (aside from the
fundamental at 2098 MHz) is the 2× component of the DAC
clock at 2400 MHz. This is likely a result of common and
differential mode components of the DAC output containing
some spectrum from the DAC clock. The common-mode
rejection of the IQ modulator input rejects much of this signal,
but it is still contains significant energy. The next two highest
spurs, at 2062 MHz and at 2242 MHz, also seem to be related to
DAC clock spurs. The spur at 2242 MHz is easily recognized as
2 × (DAC clock – DAC fundamental) = 2400 − 158. The spur at
2062 MHz is not so obvious, but looks like (3 × LO) − (3 × DAC
clock) − 158 = 5820 − 3600 − 158. If the analysis is correct, then
we should be able to see significant spur reduction if we can
suppress the common-mode component of the DAC clock at
the IQ modulator inputs.
2098MHz
2400MHz
2242MHz
2062MHz
Figure 7. IQ Modulator RF Output with DAC/IQ Mod Filter Absent,
LO = 1940 MHz, DAC Input IF = 8 MHz, DAC NCO = 150 MHz, RF = 2098 MHz


Número de pieza similar - AD9122

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9122 AD-AD9122 Datasheet
1Mb / 56P
   Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
REV. 0
AD9122 AD-AD9122 Datasheet
563Kb / 9P
   Interfacing the ADL5375 I/Q Modulator to the AD9122 Dual Channel, 1.2 GSPS High Speed DAC
REV. 0
AD9122-EP AD-AD9122-EP Datasheet
232Kb / 12P
   TxDAC Digital-to-Analog Converter
AD9122-M5372-EBZ AD-AD9122-M5372-EBZ Datasheet
1Mb / 56P
   Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
REV. 0
AD9122-M5375-EBZ AD-AD9122-M5375-EBZ Datasheet
1Mb / 56P
   Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
REV. 0
More results

Descripción similar - AD9122

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX11300PMB1 MAXIM-MAX11300PMB1 Datasheet
14Mb / 9P
   Internal or External Reference for ADC and DAC
Rev 2; 6/14
logo
Burr-Brown (TI)
ADS1201 BURR-BROWN-ADS1201 Datasheet
143Kb / 13P
   High Dynamic Range DELTA-SIGMA MODULATOR
logo
Texas Instruments
ADS1201 TI1-ADS1201 Datasheet
332Kb / 17P
[Old version datasheet]   High Dynamic Range DELTA-SIGMA MODULATOR
logo
Analog Devices
ADRF6820 AD-ADRF6820 Datasheet
1Mb / 45P
   Internal LO frequency range
logo
Maxim Integrated Produc...
MAXFILTERBRD MAXIM-MAXFILTERBRD Datasheet
718Kb / 5P
   CLK Pad for External Clock Frequency
19-4884; Rev 0; 8/09
logo
Adlink Technology Inc.
PCI-9527 ADLINK-PCI-9527 Datasheet
222Kb / 2P
   24-Bit High-Resolution Dynamic Signal Acquisition and Generation Modules
logo
Analog Devices
CN-0144 AD-CN-0144 Datasheet
238Kb / 4P
   Broadband Low Error Vector Magnitude Direct Conversion Transmitter Using LO Divide-by-2 Modulator
REV. C
logo
ON Semiconductor
AP0202AT ONSEMI-AP0202AT Datasheet
1Mb / 54P
   High-Dynamic Range Image Signal Processor
Rev. 4, 9/15 EN
logo
ATMEL Corporation
ATR4251 ATMEL-ATR4251_97 Datasheet
302Kb / 20P
   High Dynamic Range for AM and FM
logo
Analog Devices
CN-0311 AD-CN-0311 Datasheet
155Kb / 4P
   Broadband, Low Error Vector Magnitude (EVM) Direct Conversion Transmitter Using LO Divide-by-2 Modulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com