Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
KA5Q1565RFYDTU Datasheet(PDF) 7 Page - Fairchild Semiconductor |
|
KA5Q1565RFYDTU Datasheet(HTML) 7 Page - Fairchild Semiconductor |
7 / 16 page KA5Q-SERIES 7 Electrical Characteristics (Control Part) (Continued) (Ta=25 °C unless otherwise specified) Note: 1. These parameters is the Current Flowing in the Control IC. 2. These parameters, although guaranteed, are not 100% tested in production 3. These parameters, although guaranteed, are tested in EDS(wafer test) process 4. These parameters are indicated Inductor Current. Parameter Symbol Conditions Min. Typ. Max. Unit TOTAL DEVICE SECTION Start Up Current ISTART VFB=GND, VCC=14V - 0.1 0.2 mA Operating Supply Current(Note1) IOP VFB=GND, VCC=16V -10 18 mA IOP(MIN) VFB=GND, VCC=12V IOP(MAX) VFB=GND, VCC=28V PRIMARY SIDE REGULATION SECTION (ONLY KA5Q0765RT/KA5Q12656RT) Primary Regulation Threshold Voltage VPR IFB=700uA, VFB=4V 32.0 32.5 33.0 V Primary Regulation Transconductance GPR - 2.0 2.6 - mA/V |
Número de pieza similar - KA5Q1565RFYDTU |
|
Descripción similar - KA5Q1565RFYDTU |