Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ABT125 Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza 74ABT125
Descripción Electrónicos  Quad buffer; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT125 Datasheet(HTML) 3 Page - NXP Semiconductors

  74ABT125_13 Datasheet HTML 1Page - NXP Semiconductors 74ABT125_13 Datasheet HTML 2Page - NXP Semiconductors 74ABT125_13 Datasheet HTML 3Page - NXP Semiconductors 74ABT125_13 Datasheet HTML 4Page - NXP Semiconductors 74ABT125_13 Datasheet HTML 5Page - NXP Semiconductors 74ABT125_13 Datasheet HTML 6Page - NXP Semiconductors 74ABT125_13 Datasheet HTML 7Page - NXP Semiconductors 74ABT125_13 Datasheet HTML 8Page - NXP Semiconductors 74ABT125_13 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
74ABT125_4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 27 April 2010
3 of 15
NXP Semiconductors
74ABT125
Quad buffer; 3-state
6.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
7.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability.
[3]
SO14 packages: above 70
°C P
tot derate linearly with 8 mW/K
SSOP14 and TSSOP20 packages: above 60
°C P
tot derate linearly with 5.5 mW/K
DHVQFN14 packages: above 60
°C P
tot derate linearly with 4.5 mW/K
8.
Recommended operating conditions
Table 3.
Function selection[1]
Inputs
Output
nOE
nA
nY
LLL
LH
H
HX
Z
Table 4.
Limiting values[1]
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+7.0
V
VI
input voltage
−1.2
+7.0
V
VO
output voltage
output in OFF-state or HIGH-state
−0.5
+5.5
V
IIK
input clamping current
VI < 0 V
−18
-
mA
IOK
output clamping current
VO < 0 V
−50
-
mA
IO
output current
output in LOW-state
-
128
mA
Tj
junction temperature
[2] -150
°C
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +85 °C
[3] -500
mW
Table 5.
Operating conditions
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
4.5
5.5
V
VI
input voltage
0
VCC
V
VIH
HIGH-level input voltage
2.0
-
V
VIL
LOW-level Input voltage
-
0.8
V
IOH
HIGH-level output current
−32
-
mA
IOL
LOW-level output current
-
64
mA
Δt/ΔV
input transition rise and fall rate
-
10
ns/V
Tamb
ambient temperature
in free air
−40
+85
°C


Número de pieza similar - 74ABT125_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74ABT125BQ NEXPERIA-74ABT125BQ Datasheet
245Kb / 12P
   Quad buffer; 3-state
Rev. 9 - 13 March 2023
logo
Fairchild Semiconductor
74ABT125CMTC FAIRCHILD-74ABT125CMTC Datasheet
69Kb / 6P
   Quad Buffer with 3-STATE Outputs
74ABT125CMTC FAIRCHILD-74ABT125CMTC Datasheet
284Kb / 8P
   Quad Buffer with 3-STATE Outputs
74ABT125CMTCX_NL FAIRCHILD-74ABT125CMTCX_NL Datasheet
69Kb / 6P
   Quad Buffer with 3-STATE Outputs
74ABT125CSC FAIRCHILD-74ABT125CSC Datasheet
69Kb / 6P
   Quad Buffer with 3-STATE Outputs
More results

Descripción similar - 74ABT125_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74ABT126 NEXPERIA-74ABT126 Datasheet
219Kb / 11P
   Quad buffer; 3-state
Rev. 6 - 8 October 2020
logo
NXP Semiconductors
74ABT125 PHILIPS-74ABT125 Datasheet
93Kb / 10P
   Quad buffer 3-State
1998 Jan 16
74ABT126 PHILIPS-74ABT126_15 Datasheet
91Kb / 15P
   Quad buffer; 3-state
Rev. 04-17 February 2005
logo
Fairchild Semiconductor
74F125SCX FAIRCHILD-74F125SCX Datasheet
79Kb / 5P
   Quad Buffer (3-STATE)
logo
NXP Semiconductors
74ABT126D-602 PHILIPS-74ABT126D-602 Datasheet
91Kb / 15P
   Quad buffer; 3-state
Rev. 04-17 February 2005
logo
Nexperia B.V. All right...
74ABT125 NEXPERIA-74ABT125 Datasheet
245Kb / 12P
   Quad buffer; 3-state
Rev. 9 - 13 March 2023
logo
NXP Semiconductors
74ABT125 NXP-74ABT125 Datasheet
162Kb / 15P
   Quad buffer; 3-state
Rev. 04-27 April 2010
logo
Fairchild Semiconductor
74F125 FAIRCHILD-74F125 Datasheet
66Kb / 5P
   Quad Buffer (3-STATE)
DM74LS126A FAIRCHILD-DM74LS126A Datasheet
48Kb / 4P
   Quad 3-STATE Buffer
DM74ALS125 FAIRCHILD-DM74ALS125 Datasheet
51Kb / 5P
   Quad 3-STATE Buffer
logo
NXP Semiconductors
74ABT126 PHILIPS-74ABT126 Datasheet
92Kb / 10P
   Quad buffer 3-State
1998 Jan 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15