Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
KA78L15AZ Datasheet(PDF) 6 Page - Fairchild Semiconductor |
|
KA78L15AZ Datasheet(HTML) 6 Page - Fairchild Semiconductor |
6 / 16 page KA78LXXA/KA78L05AA 6 Electrical Characteristics(KA78L10A) (Continued) (VI = 16V, IO = 40mA, 0 °C ≤ TJ ≤ 125 °C, CI = 0.33 µF, CO = 0.1µF, unless otherwise specified. (Note1) Notes: 1. The maximum steady state usable output current and input voltage are very dependent on the heat sinking and/or lead length of the package. The data above represent pulse test conditions with junction temperature as indicated at the initiation of tests. 2. Power dissipation PD ≤ 0.75W. Parameter Symbol Conditions Min. Typ. Max. Unit Output Voltage VO TJ = 25 °C 9.6 10.0 10.4 V Line Regulation (Note1) ∆VO TJ = 25 °C 12.5 ≤ VI ≤ 25V - 100 220 mV 14V ≤ VI ≤ 25V - 100 170 mV Load Regulation (Note1) ∆VO TJ = 25 °C 1mA ≤ IO ≤ 100mA - 20 94 mV 1mA ≤ IO ≤ 70mA - 10 47 mV Output Voltage VO 12.5V ≤ VI ≤ 25V, 1mA ≤ IO ≤ 40mA 9.5 - 10.5 V 12.5V ≤ VI ≤ VMAX (Note2) 1mA ≤ IO ≤ 70mA 9.5 - 10.5 Quiescent Current IQ TJ = 25 °C - - 6.0 mA TJ =125 °C- 4.2 6.5 Quiescent Current Change With Line ∆IQ 12.5 ≤ VI ≤ 25V - - 1.5 mA With Load ∆IQ 1mA ≤ IO ≤ 40mA - - 0.1 mA Output Noise Voltage VN TA = 25 °C, 10Hz ≤ f ≤ 100kHz - 74 - µV/Vo Temperature Coefficient of VO ∆VO/∆TIO = 5mA - 0.95 - mV/ °C Ripple Rejection RR f = 120Hz, 15V ≤ VI ≤ 25V, TJ = 25°C38 43 - dB Dropout Voltage VD TJ = 25 °C- 1.7 - V |
Número de pieza similar - KA78L15AZ |
|
Descripción similar - KA78L15AZ |