Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BD5338G-TR Datasheet(PDF) 5 Page - Rohm |
|
BD5338G-TR Datasheet(HTML) 5 Page - Rohm |
5 / 16 page Datasheet 5/13 BD52xx series BD53xx series TSZ02201-0R7R0G300040-1-2 © 2013 ROHM Co., Ltd. All rights reserved. 22.May.2013 Rev.006 www.rohm.com TSZ22111 ・ 15 ・ 001 ● Electrical characteristics (Unless Otherwise Specified Ta=-40 to 105°C) - continued Parameter Symbol Condition Limit Unit Min. Typ. Max. Leak Current Ileak VDD=VDS=10V *1 - - 0.1 µA CT pin Threshold Voltage VCTH VDD=VDET×1.1, VDET=2.3-2.6V, RL=470kΩ VDD ×0.30 VDD ×0.40 VDD ×0.60 V VDD=VDET×1.1, VDET=2.7-4.2V, RL=470kΩ VDD ×0.30 VDD ×0.45 VDD ×0.60 VDD=VDET×1.1, VDET=4.3-5.2V, RL=470kΩ VDD ×0.35 VDD ×0.50 VDD ×0.60 VDD=VDET×1.1, VDET=5.3-6.0V, RL=470kΩ VDD ×0.40 VDD ×0.50 VDD ×0.60 Output Delay Resistance RCT VDD=VDET×1.1 VCT=0.5V *1 5.5 9 12.5 MΩ CT pin Output Current ICT VCT=0.1V VDD=0.95V *1 15 40 - µA VCT=0.5V VDD=1.5V 150 240 - Detection Voltage Temperature coefficient VDET/∆T Ta=-40°C to 105°C - ±100 ±360 ppm/°C Hysteresis Voltage ∆ VDET VDD=L H L, RL=470kΩ VDET ×0.03 VDET ×0.05 VDET ×0.08 V VDET (T) : Standard Detection Voltage (2.3V to 6.0V, 0.1V step) RL: Pull-up resistor to be connected between VOUT and power supply. Design Guarantee. (Outgoing inspection is not done on all products.) *1 Guaranteed at Ta=25°C. |
Número de pieza similar - BD5338G-TR |
|
Descripción similar - BD5338G-TR |