Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KBL005 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza KBL005
Descripción Electrónicos  4.0 Ampere Silicon Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KBL005 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KBL005 Datasheet HTML 1Page - Fairchild Semiconductor KBL005 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KBL005-KBL10, Rev. A
Silicon Bridge Rectifiers
(continued)
Typical Characteristics
Forward Current Derating Curve
0
50
100
150
0
1
2
3
4
5
AMBIENT TEMPERATURE ( C)
º
SINGLE PHASE
HALF WAVE
60HZ
RESISTIVE OR
INDUCTIVE LOAD
.375" 9.0 mm LEAD
LENGTHS
Forward Characteristics
0.4
0.6
0.8
1
1.2
1.4
1.6
0.01
0.1
1
10
FORWARD VOLTAGE (V)
Pulse Width = 200
µS
2% Duty Cycle
T = 25 C
º
J
Pulse Width = 300
µS
2% Duty Cycle
T = 25 C
º
A
Reverse Characteristics
0
204060
80
100
120
140
0.01
0.1
1
10
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
T = 100 C
º
A
T = 25 C
º
A
Non-Repetitive Surge Current
1
10
100
1000
0
100
200
NUMBER OF CYCLES AT 60Hz


Número de pieza similar - KBL005

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
KBL005 SEMTECH-KBL005 Datasheet
128Kb / 2P
   4.0A SINGLE - PHASE SILICON BRIDGE
logo
New Jersey Semi-Conduct...
KBL005 NJSEMI-KBL005 Datasheet
83Kb / 1P
   SINGLE - PHASE SILICON BRIDGE RECTIFIERS
logo
MIC GROUP RECTIFIERS
KBL005 MIC-KBL005 Datasheet
107Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Digitron Semiconductors
KBL005 DIGITRON-KBL005 Datasheet
164Kb / 2P
   SINGLE PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBL005 CHENYI-KBL005 Datasheet
155Kb / 2P
   SINGLE PHASE GLASS BRIDGE RECTIFIER
More results

Descripción similar - KBL005

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KBU4A FAIRCHILD-KBU4A Datasheet
59Kb / 4P
   4.0 Ampere Silicon Bridge Rectifiers
GBU4A FAIRCHILD-GBU4A Datasheet
743Kb / 3P
   4.0 Ampere Bridge Rectifiers
logo
List of Unclassifed Man...
KBL0 ETC-KBL0 Datasheet
123Kb / 2P
   4.0 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Fairchild Semiconductor
KBU6A FAIRCHILD-KBU6A Datasheet
30Kb / 3P
   6.0 Ampere Silicon Bridge Rectifiers
KBU8A FAIRCHILD-KBU8A Datasheet
30Kb / 3P
   8.0 Ampere Silicon Bridge Rectifiers
logo
Taiwan Semiconductor Co...
KBU401 TSC-KBU401 Datasheet
54Kb / 2P
   Single Phase 4.0 AMPS. Silicon Bridge Rectifiers
logo
Jinan Gude Electronic D...
KBL400 JGD-KBL400 Datasheet
137Kb / 2P
   SINGLE PHASE 4.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBL401 TSC-KBL401 Datasheet
76Kb / 2P
   Single Phase 4.0 AMPS. Silicon Bridge Rectifiers
KBL401 TSC-KBL401_1 Datasheet
258Kb / 2P
   Single Phase 4.0 AMPS. Silicon Bridge Rectifiers
logo
Surge Components
KBL401 SURGE-KBL401 Datasheet
115Kb / 2P
   Single Phase 4.0 AMPS. Silicon Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com