Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KA78L05AZBU Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza KA78L05AZBU
Descripción Electrónicos  3-terminal 0.1A positive voltage regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA78L05AZBU Datasheet(HTML) 5 Page - Fairchild Semiconductor

  KA78L05AZBU Datasheet HTML 1Page - Fairchild Semiconductor KA78L05AZBU Datasheet HTML 2Page - Fairchild Semiconductor KA78L05AZBU Datasheet HTML 3Page - Fairchild Semiconductor KA78L05AZBU Datasheet HTML 4Page - Fairchild Semiconductor KA78L05AZBU Datasheet HTML 5Page - Fairchild Semiconductor KA78L05AZBU Datasheet HTML 6Page - Fairchild Semiconductor KA78L05AZBU Datasheet HTML 7Page - Fairchild Semiconductor KA78L05AZBU Datasheet HTML 8Page - Fairchild Semiconductor KA78L05AZBU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
KA78LXXA/KA78L05AA
5
Electrical Characteristics(KA78L09A) (Continued)
(VI = 15V, IO = 40mA, 0
°C ≤ TJ ≤ 125°C, CI = 0.33µF, CO = 0.1µF, unless otherwise specified. (Note1)
Note:
1. The maximum steady state usable output current and input voltage are very dependent on the heat sinking and/or lead length
of the package. The data above represent pulse test conditions with junction temperature as indicated at the initiation of tests.
2. Power dissipation PD
≤ 0.75W.
Parameter
Symbol
Conditions
Min.
Typ. Max.
Unit
Output Voltage
VO
TJ = 25
°C
8.64
9.0
9.36
V
Line Regulation (Note1)
∆VO
TJ = 25
°C
11.5V
≤ VI ≤ 24V
-
90
200
mV
13V
≤ VI ≤ 24V
-
100
150
mV
Load Regulation (Note1)
∆VO
TJ = 25
°C
1mA
≤ IO ≤ 100mA
-
20
90
mV
1mA
≤ IO ≤ 40mA
-
10
45
mV
Output Voltage
VO
11.5V
≤ VI ≤ 24V 1mA ≤ IO ≤ 40mA
8.55
-
9.45
V
11.5V
≤ VI
VMAX (Note 2)
1mA
≤ IO ≤ 70mA
8.55
-
9.45
V
Quiescent Current
IQ
TJ = 25
°C-
2.1
6.0
mA
Quiescent Current
Change
With Line
∆IQ
13V
≤ VI ≤ 24V
-
-
1.5
mA
With Load
∆IQ
1mA
≤ IO ≤ 40mA
-
-
0.1
mA
Output Noise Voltage
VN
TA = 25
°C, 10Hz ≤ f ≤ 100kHz
-
70
-
µV/Vo
Temperature Coefficient of VO
∆VO/∆TIO = 5mA
-
-0.9
-
mV/
°C
Ripple Rejection
RR
f = 120Hz, 12V
≤ VI ≤ 22V, TJ = 25°C38
44
-
dB
Dropout Voltage
VD
TJ = 25
°C-
1.7
-
V


Número de pieza similar - KA78L05AZBU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA78L05AZBU FAIRCHILD-KA78L05AZBU Datasheet
82Kb / 18P
   3-Terminal 0.1A Positive Voltage Regulator
KA78L05AZBU FAIRCHILD-KA78L05AZBU Datasheet
102Kb / 17P
   3-Terminal 0.1A Positive Voltage Regulator Short Circuit Current Limiting
KA78L05AZBU FAIRCHILD-KA78L05AZBU Datasheet
102Kb / 17P
   3-Terminal 0.1A Positive Voltage Regulator
More results

Descripción similar - KA78L05AZBU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
MC78LXXA FAIRCHILD-MC78LXXA_10 Datasheet
86Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
KA78LXXA FAIRCHILD-KA78LXXA_10 Datasheet
102Kb / 17P
   3-Terminal 0.1A Positive Voltage Regulator
logo
Unisonic Technologies
78LXX UTC-78LXX_15 Datasheet
278Kb / 8P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
HTC Korea TAEJIN Techno...
LM78LXX HTC-LM78LXX_10 Datasheet
252Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC78LXXA FAIRCHILD-MC78LXXA Datasheet
73Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
KA78LXXA FAIRCHILD-KA78LXXA Datasheet
82Kb / 18P
   3-Terminal 0.1A Positive Voltage Regulator
MC78LXXA FAIRCHILD-MC78LXXA_04 Datasheet
72Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
logo
Unisonic Technologies
78LXX UTC-78LXX_V01 Datasheet
316Kb / 9P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78L24A FAIRCHILD-KA78L24A Datasheet
78Kb / 16P
   3-Terminal 0.1A Positive Voltage Regulator
logo
Unisonic Technologies
78LXX UTC-78LXX_09 Datasheet
290Kb / 9P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com