Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KMS40-24 Datasheet(PDF) 1 Page - TDK Electronics

No. de pieza KMS40-24
Descripción Electrónicos  15-40W Medical AC-DC PCB-Mount Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TDK [TDK Electronics]
Página de inicio  http://www.tdk.com
Logo TDK - TDK Electronics

KMS40-24 Datasheet(HTML) 1 Page - TDK Electronics

  KMS40-24 Datasheet HTML 1Page - TDK Electronics KMS40-24 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
67
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Disclaimer: us.tdk-lambda.com/lp/legal.htm
KM Series
Features
u
Small size and lightweight
u
PC Board Mountable
u
Wide Range Input
u
Medical Safety Certifications (4kVAC Input - Output)
u
Class II (No ground needed)
u
High efficiency
15-40W Medical AC-DC PCB-Mount Power Supplies
Model
KMS15
KMD15
KMT15
KMS40
KMD40
KMT40
Input Voltage Range
-
90-264VAC 47-440Hz or 100-375VDC
Inrush Current Limiting
A
10 / 20A, cold start, 25°C ambient (115 / 230VAC)
Input Current (115 / 230VAC)
mA
220 / 118mA
860 / 460mA
Recommended External Fuse
-
2A slow blow type
3.15A slow blow type
Temperature Coefficient
-
±0.01%/°C
Ripple and Noise (pk-pk)
mV
50mV or 1%, whichever is greater
Overcurrent Protection
-
> 105%, hiccup mode, automatic recovery
Overvoltage Protection
%
Yes, Zener diode clamp
Hold-up Time (typical)
ms
20ms
18ms
Enclosure Leakage (240VAC 63Hz) mA
0.055 max
0.08 max
(264VAC 63Hz)
0.06 max
0.085 max
Operating Temperature
°C
-25°C to 70°C, derate linearly to 50%(1) load from 50°C to 70°C. Max case temperature 95°C
Storage Temperature
°C
-40°C to 100°C
Humidity
%RH
20% to 95% RH (non-condensing)
Cooling
-
Convection, over temperature protected ~100°C case temperature
Withstand Voltage
VAC
Input to output: 4kVAC (Reinforced) (2 x MOPPS 3rd Edition)
Immunity
-
EN60601-1-2
Safety Agency Certification
-
UL60601-1, IEC60601-1, CE Mark, EN60950-1
Conducted EMI
-
EN55011, EN55022 Class B
EN55011, EN55022 Class A
Switching Frequency
kHz
132kHz
Weight
g
120
280
Size (LxWxH)
in
2.52 x 1.79 x 0.92”
3.5 x 2.5 x 1.06”
Mounting & Case
-
PC board mountable. Plastic resin fiberglass case (UL 94V-0)
MTBF
hrs
200,000 to 400,000 hours, model dependent
Warranty
yrs
2 years
Specifications
(1) KM15 derates linearly to 40% load
Key Market Segments & Applications


Número de pieza similar - KMS40-24

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TDK Electronics
KMS40-24 TDK-KMS40-24 Datasheet
523Kb / 2P
   15-40W Medical AC-DC PCB-Mount Power Supplies
More results

Descripción similar - KMS40-24

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TDK Electronics
KM TDK-KM Datasheet
523Kb / 2P
   15-40W Medical AC-DC PCB-Mount Power Supplies
KMS-A TDK-KMS-A Datasheet
529Kb / 2P
   15-60W Medical AC-DC PCB-Mount Power Supplies
DTM65-C TDK-DTM65-C Datasheet
244Kb / 2P
   40W to 65W Medical AC-DC External Power Supplies
logo
Artesyn Technologies
SSL40C ARTESYN-SSL40C Datasheet
194Kb / 2P
   40W External AC/DC Power Supplies
logo
TDK Electronics
DTM65-C8 TDK-DTM65-C8 Datasheet
600Kb / 2P
   40W to 65W Medical Class II AC-DC External Power Supplies
logo
Wall Industries,Inc.
WMIHPU15 WALL-WMIHPU15 Datasheet
531Kb / 4P
   Up to 15 Watts, Medical AC - DC Wall Mount Power Supplies
PSAOCH WALL-PSAOCH Datasheet
122Kb / 4P
   AC/DC PCB Mount Power Supplies
PSAZC WALL-PSAZC Datasheet
312Kb / 3P
   AC/DC PCB Mount Power Supplies
PSAOC WALL-PSAOC Datasheet
123Kb / 4P
   AC/DC PCB Mount Power Supplies
PSIM65 WALL-PSIM65 Datasheet
105Kb / 3P
   Medical AC/DC Power Supplies
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com