Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS1W-CN323 Datasheet(PDF) 5 Page - Omron Electronics LLC

No. de pieza CS1W-CN323
Descripción Electrónicos  CJ1 Programmable Controllers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OMRON [Omron Electronics LLC]
Página de inicio  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-CN323 Datasheet(HTML) 5 Page - Omron Electronics LLC

  CS1W-CN323 Datasheet HTML 1Page - Omron Electronics LLC CS1W-CN323 Datasheet HTML 2Page - Omron Electronics LLC CS1W-CN323 Datasheet HTML 3Page - Omron Electronics LLC CS1W-CN323 Datasheet HTML 4Page - Omron Electronics LLC CS1W-CN323 Datasheet HTML 5Page - Omron Electronics LLC CS1W-CN323 Datasheet HTML 6Page - Omron Electronics LLC CS1W-CN323 Datasheet HTML 7Page - Omron Electronics LLC CS1W-CN323 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Type
Channels
I/O type
Rating
Connection
Current usage
Model
Motion
control
module
30 axes
MECHATROLINK-II
provides instant
communications
between the motion
controller and Omron’s
W-Series servo drives
Use CX-Motion software
Functions: Electronic cam profiles and
axis synchronization; Registration
inputs; accesses all drive parameters
ML-II
connector
0.6 A, 5 VDC
CJ1W-MCH71
High-
speed
counter
module
2 inputs
Line driver, 24 V
Input frequency: 500 kHz max.
Functions: Simple counter; linear or
ring counter
2 configurable digital inputs + outputs
Connector
0.28 A,
5 VDC
CJ1W-CT021
2 SSI
inputs
(absolute
position
data)
Synchronous Serial
Protocol
Functions: Baud rate, encoding type,
data length, etc. can be set per
channel
Terminal
0.30 A, 5 VDC
CJ1W-CTS21-E
4 inputs
Line driver, 24 V
Input frequency: 100 kHz max.
Function: Target values trigger
interrupt to CPU
4 configurable digital inputs + outputs
Connector
0.32 A, 5 VDC
CJ1W-CTL41-E
Analog
I/O
4
Input ranges: 0 to 5 V,
0 to 10 V, -10 to 10 V,
1 to 5 V, 4 to 20 mA
Resolution: 1/8,000
Accuracy: V: 0.2% of PV; I: 0.4% of PV
Conversion time: 250 μs/ point
Features: Offset/gain adjustment, peak
hold, moving average, alarms
Terminal
block
0.42 A, 5 VDC
CJ1W-AD041-V1
8
Input ranges: 0 to 5 V,
0 to 10 V, -10 to 10 V,
1 to 5 V, 4 to 20 mA
Resolution: 1/8,000
Accuracy: V: 0.2% of PV; I: 0.4% of PV
Conversion time: 250 μs/ point
Features: Offset/gain adjustment, peak
hold, moving average, alarms
Terminal
block
0.42 A, 5 VDC
CJ1W-AD081-V1
2
Analog output
0 to 5 V, 0 to 10 V,
-10 to 10 V, 1 to 5 V,
4 to 20 mA
Resolution: 1/4,000
Accuracy: V: 0.3% of PV I: 0.5% of PV
Conversion time: 1 ms/point
Features: Offset/gain adjustment,
output hold
Terminal
block
0.12 A, 5 VDC
CJ1W-DA021
4
Analog output
0 to 5 V, 0 to 10 V,
-10 to 10 V, 1 to 5 V,
4 to 20 mA
Resolution: 1/4,000
Accuracy: V: 0.3% of PV I: 0.5% of PV
Conversion time: 1 ms/point
Features: Offset/gain adjustment,
output hold
Terminal
block
0.12 A, 5 VDC
CJ1W-DA041
8
Voltage output
0 to 5 V, 0 to 10 V,
-10 to 10 V, 1 to 5 V
Resolution: 1/8,000
Accuracy: 0.3% of PV
Conversion time: 250 μs/point
Features: Offset/gain adjustment,
output hold
Terminal
block
0.14 A, 5 VDC
CJ1W-DA08V
8
Current output
4 to 20 mA
Resolution: 1/8,000
Accuracy: 0.5% of PV
Conversion time: 250 μs/point
Features: Offset/gain adjustment,
output hold
Terminal
block
0.14 A, 5 VDC
CJ1W-DA08C
4 + 2
Input + Output ranges:
0 to 5 V, 0 to 10 V,
-10 to 10 V, 1 to 5 V,
4 to 20 mA
Resolution: 1/8,000
Accuracy: Input: 0.2% of PV
Output: 0.3% of PV
Conversion time: 1 ms/ point
Features: Offset/gain adjustment,
scaling, peak hold, moving average,
alarms, output hold
Terminal
block
0.58 A, 5 VDC
CJ1W-MAD042
Special I/O and Control Modules (continued)


Número de pieza similar - CS1W-CN323

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Omron Electronics LLC
CS1W-CN323 OMRON-CS1W-CN323 Datasheet
344Kb / 15P
   CPU Selection
CS1W-CN323 OMRON-CS1W-CN323 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
CS1W-CN323 OMRON-CS1W-CN323 Datasheet
452Kb / 38P
   CS1 Ordering Guide C200H Basic I/O Modules
More results

Descripción similar - CS1W-CN323

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP626 TOSHIBA-TLP626_07 Datasheet
240Kb / 8P
   Programmable Controllers
TLP620 TOSHIBA-TLP620_07 Datasheet
267Kb / 9P
   Programmable Controllers
logo
Panasonic Semiconductor
FPG-XY64D2T PANASONIC-FPG-XY64D2T Datasheet
2Mb / 24P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP628 TOSHIBA-TLP628_07 Datasheet
252Kb / 8P
   Programmable Controllers
logo
Omron Electronics LLC
3G2A5-LK010-E OMRON-3G2A5-LK010-E Datasheet
1Mb / 182P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP624 TOSHIBA-TLP624 Datasheet
263Kb / 8P
   Programmable Controllers
TLP631 TOSHIBA-TLP631_07 Datasheet
197Kb / 8P
   Programmable Controllers
TLP627A TOSHIBA-TLP627A Datasheet
208Kb / 4P
   PROGRAMMABLE CONTROLLERS
TLP531 TOSHIBA-TLP531_07 Datasheet
713Kb / 9P
   Programmable Controllers
TLP130 TOSHIBA-TLP130_07 Datasheet
210Kb / 9P
   Programmable Controllers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com