Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU12SD2MG-MTR Datasheet(PDF) 11 Page - Rohm

No. de pieza BU12SD2MG-MTR
Descripción Electrónicos  1ch 200mA CMOS LDO Regulators
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU12SD2MG-MTR Datasheet(HTML) 11 Page - Rohm

Back Button BU12SD2MG-MTR Datasheet HTML 7Page - Rohm BU12SD2MG-MTR Datasheet HTML 8Page - Rohm BU12SD2MG-MTR Datasheet HTML 9Page - Rohm BU12SD2MG-MTR Datasheet HTML 10Page - Rohm BU12SD2MG-MTR Datasheet HTML 11Page - Rohm BU12SD2MG-MTR Datasheet HTML 12Page - Rohm BU12SD2MG-MTR Datasheet HTML 13Page - Rohm BU12SD2MG-MTR Datasheet HTML 14Page - Rohm BU12SD2MG-MTR Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Datasheet
Datasheet
11/28
TSZ02201-0RBR0A300020-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
2013.03.19 Rev.002
www.rohm.com
TSZ22111・15・001
BUxxSD2-M series
●Reference data BU18SD2MG-M (Unless otherwise specified, Ta=25℃.)
0
10
20
30
40
50
60
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Input Voltage VIN (V)
1.75
1.76
1.77
1.78
1.79
1.80
1.81
1.82
1.83
1.84
1.85
0
50
100
150
200
Output Current IOUT (mA)
1.75
1.76
1.77
1.78
1.79
1.80
1.81
1.82
1.83
1.84
1.85
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Input Voltage VIN (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Input Voltage VIN (V)
Figure 25. Output Voltage vs. Input Voltage
Figure 26. Line Regulation
Figure 27. Circuit Current vs. Input Voltage
Figure 28. Load Regulation
Ta=25℃
VIN=VSTBY
Ta=25℃
VIN=VSTBY
VIN=VSTBY
IOUT=0mA
VIN=3.5V
VSTBY=1.5V
Ta=105℃
Ta=25℃
Ta=-40℃
Ta=25℃
Ta=-40℃
Ta=105℃
IOUT=0mA
IOUT=50mA
IOUT=200mA
IOUT=0mA
IOUT=50mA
IOUT=200mA


Número de pieza similar - BU12SD2MG-MTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
BU120 SEME-LAB-BU120 Datasheet
12Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
logo
Inchange Semiconductor ...
BU120 ISC-BU120 Datasheet
190Kb / 2P
   Collector-Emitter Sustaining Voltage-:VCEO(SUS) = 200V(Min)
logo
New Jersey Semi-Conduct...
BU120 NJSEMI-BU120 Datasheet
129Kb / 2P
   Silicon NPN Power Transistors
logo
Vishay Siliconix
BU1206 VISHAY-BU1206 Datasheet
99Kb / 6P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
BU1206 VISHAY-BU1206 Datasheet
150Kb / 6P
   Enhanced isoCink??Bridge Rectifiers
01-Jan-2022
More results

Descripción similar - BU12SD2MG-MTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
   1ch 200mA CMOS LDO Regulators
BU15TA2WNVX ROHM-BU15TA2WNVX_11 Datasheet
1Mb / 30P
   1ch 200mA CMOS LDO Regulators
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
BUXXSD5 ROHM-BUXXSD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BH31FB1WHFV-TR ROHM-BH31FB1WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BHXXM0A ROHM-BHXXM0A Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BHXXMA3 ROHM-BHXXMA3 Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com