Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BU36UA3WNVX-TL Datasheet(PDF) 4 Page - Rohm |
|
BU36UA3WNVX-TL Datasheet(HTML) 4 Page - Rohm |
4 / 14 page www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved. TSZ02201-0RBR0A300040-1-2 TSZ22111・15・001 4/11 21.MAR.2013.Rev.003 BUxxUA3WNVX series Datasheet ●Electrical Characteristics (Ta=25℃, VIN=VOUT+1.0V (*3), STBY=VIN, Cin=1.0μF, Co=1.0μF, unless otherwise noted.) ●This product is not designed for protection against radioactive rays. (*3) VIN=2.5V for VOUT≦1.5V (*4) VIN=2.5V to 5.5V for VOUT≦1.5V ●Block Diagrams PARAMETER Symbol Limit Unit Conditions MIN. TYP. MAX. Overall Device Output Voltage 1 VOUT1 VOUT×0.99 VOUT VOUT×1.01 V IOUT=10μA,VOUT≧2.5V VOUT-25mV VOUT+25mV IOUT=10μA,VOUT<2.5V Operating Current IIN - 50 90 μA IOUT=0mA Operating Current (STBY) ISTBY - - 1.0 μA STBY=0V Ripple Rejection Ratio RR 45 70 - dB VRR=-20dBv,fRR=1kHz,IOUT=10mA, VIN=3.6V Dropout Voltage VSAT - 470 700 mV 1.0V≦VOUT<1.2V(IOUT=300mA) - 350 500 mV 1.2V≦VOUT<1.5V(IOUT=300mA) - 280 380 mV 1.5V≦VOUT<1.7V(IOUT=300mA) - 250 320 mV 1.7V≦VOUT<2.1V(IOUT=300mA) - 220 260 mV 2.1V≦VOUT<2.5V(IOUT=300mA) - 200 220 mV 2.5V≦VOUT(IOUT=300mA) Line Regulation VDL - 2 20 mV VIN=VOUT+1.0V to 5.5V(*4), IOUT=10μA Load Regulation VDLO - 25 45 mV IOUT=0.01mA to 300mA Over-current Protection (OCP) Limit Current ILMAX 305 550 - mA Vo=VOUT*0.95 Short Current ISHORT 50 150 300 mA Vo=0V Standby Block Discharge Resistor RDSC 20 50 80 Ω VIN=5.5V, STBY=0V, VOUT=2.6V STBY Pin Pull-down Current ISTB 0.1 0.9 8.0 μA STBY=1.5V STBY Control Voltage ON VSTBH 1.2 - 5.5 V OFF VSTBL -0.3 - 0.3 V Output Voltage 2 VOUT2 1.7 1.8 1.9 V VIN=2.375V to 2.625V VOUT=1.8V, IOUT=0.01mA to 300mA, Ta=-40~85℃ Cin・・・1.0 μF (Ceramic) Co ・・・1.0 μF (Ceramic) 4 3 1 2 Cin VIN GND STBY STBY VOUT VOUT Co VREF OCP STBY Discharge TSD VIN Fig. 2 Block Diagrams |
Número de pieza similar - BU36UA3WNVX-TL |
|
Descripción similar - BU36UA3WNVX-TL |