Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS49E-T2 Datasheet(PDF) 6 Page - Honeywell Accelerometers

No. de pieza SS49E-T2
Descripción Electrónicos  Linear Hall-Effect Sensor ICs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HONEYWELL-ACC [Honeywell Accelerometers]
Página de inicio  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

SS49E-T2 Datasheet(HTML) 6 Page - Honeywell Accelerometers

  SS49E-T2 Datasheet HTML 1Page - Honeywell Accelerometers SS49E-T2 Datasheet HTML 2Page - Honeywell Accelerometers SS49E-T2 Datasheet HTML 3Page - Honeywell Accelerometers SS49E-T2 Datasheet HTML 4Page - Honeywell Accelerometers SS49E-T2 Datasheet HTML 5Page - Honeywell Accelerometers SS49E-T2 Datasheet HTML 6Page - Honeywell Accelerometers SS49E-T2 Datasheet HTML 7Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ADHESIVE TAPE
18,0
[0.71]
6,0
[0.23]
9,0
[0.35]
6,3
[0.25]
12,7
[0.50]
2,5
[0.10]
Ø 3,99
[0.16]
22,3
[0.88]
ADHESIVE TAPE
18,0
[0.71]
6,0
[0.23]
9,0
[0.35]
6,3
[0.25]
12,7
[0.50]
22,3
[0.88]
1,3
[0.05]
Ø 3,99
[0.16]
CATALOG
LISTING
DATE CODE
0
-
+
R 0,25 MAX
[0.01]
N
S
4,5
[0.18]
4,4
[0.17]
1,3
[0.05]
0,05
[0.002]
2,4
[0.09]
10 ° TYP
2,5
[0.10]
0,1
[0.01]
0,96 TYP TO HALL EFFECT
[0.38] SENSING SURFACE
4,2
[0.16]
1,7
[0.07]
0,13 MAX GATE VESTAGE
[0.005]
2X 1,5
[0.06]
3X 0,4
[0.02]
0,13 MAX FLASH
[0.005]
TOP COVER TAPE
0,7
[0.004]
Ø 1,5
[0.06]
4,0
[0.16]
8,0
[0.31]
2,0
[0.08]
5,0
[0.20]
5,5
[0.22] 12,0
[0.47]
4,6
[0.18]
8,0
[0.315]
5,8
[0.230]
2,0
[0.08]
2,4 MAX
[0.9]
0,4 MAX
[0.02]
Ø 178,0
[7.01]
Ø 33,0
[1.30]
Ø 13,0
[0.51]
3X 1,5
[0.06]
12,2
[0.48]
18,4
[0.72]
50,0
[1.97]


Número de pieza similar - SS49E-T2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SEC Electronics Inc.
SS49E SECELECTRONICS-SS49E Datasheet
100Kb / 4P
   Linear Hall Effect Sensor
logo
Honeywell Accelerometer...
SS49E HONEYWELL-ACC-SS49E Datasheet
395Kb / 3P
   INDUSTRIAL APPLICATIONS
logo
SEC Electronics Inc.
SS49ESOT SECELECTRONICS-SS49ESOT Datasheet
371Kb / 5P
   Linear Hall Effect Sensor
SS49EUA SECELECTRONICS-SS49EUA Datasheet
100Kb / 4P
   Linear Hall Effect Sensor
SS49EUA SECELECTRONICS-SS49EUA Datasheet
371Kb / 5P
   Linear Hall Effect Sensor
More results

Descripción similar - SS49E-T2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allegro MicroSystems
A1301 ALLEGRO-A1301_16 Datasheet
470Kb / 10P
   Continuous-Time Ratiometric Linear Hall Effect Sensor ICs
A1301 ALLEGRO-A1301 Datasheet
239Kb / 10P
   Continuous-Time Ratiometric Linear Hall Effect Sensor ICs
A1388 ALLEGRO-A1388 Datasheet
842Kb / 12P
   Linear Hall-Effect Sensor ICs with Analog Output
A1391 ALLEGRO-A1391_16 Datasheet
492Kb / 16P
   Micro Power 3 V Linear Hall Effect Sensor ICs
A1381 ALLEGRO-A1381 Datasheet
398Kb / 19P
   Programmable Linear Hall Effect Sensor ICs with Analog Output
A1391 ALLEGRO-A1391 Datasheet
494Kb / 16P
   Micro Power 3 V Linear Hall Effect Sensor ICs
A1360 ALLEGRO-A1360 Datasheet
620Kb / 25P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with
logo
SEC Electronics Inc.
SS3503 SECELECTRONICS-SS3503 Datasheet
104Kb / 5P
   Linear Hall Effect Sensor
logo
List of Unclassifed Man...
MLX90242 ETC2-MLX90242_04 Datasheet
156Kb / 7P
   Linear Hall Effect Sensor
logo
SEC Electronics Inc.
SS4833 SECELECTRONICS-SS4833 Datasheet
226Kb / 4P
   Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com