Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HL-5200 Datasheet(PDF) 1 Page - Omron Electronics LLC

No. de pieza HL-5200
Descripción Electrónicos  Economical, Miniature Limit Switch Boasting Rigid Construction
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OMRON [Omron Electronics LLC]
Página de inicio  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

HL-5200 Datasheet(HTML) 1 Page - Omron Electronics LLC

  HL-5200 Datasheet HTML 1Page - Omron Electronics LLC HL-5200 Datasheet HTML 2Page - Omron Electronics LLC HL-5200 Datasheet HTML 3Page - Omron Electronics LLC HL-5200 Datasheet HTML 4Page - Omron Electronics LLC HL-5200 Datasheet HTML 5Page - Omron Electronics LLC HL-5200 Datasheet HTML 6Page - Omron Electronics LLC HL-5200 Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CSM_HL-5000_DS_E_3_1
1
General-purpose Limit Switch
HL-5000
Economical, Miniature Limit Switch Boasting
Rigid Construction
• The Head, Box, and Cover mate with ridged surfaces to maintain
strength.
• A unique Head structure provides a large OT for smooth operation.
• Easy-to-wire conduit opening design.
• Ideal for application in printing machines, forming machines, and light
machines.
(High Switches with high sealing characteristics, such as WL or D4C
Switches, in locations subject to oil, water, or precipitation.)
• Models with grounding terminals conform to the CE marking.
• Approved by CCC (Chinese standard).
(Ask your OMRON representative for information on approved models.)
Be sure to read Safety Precautions on page 4 to 5 and
Safety Precautions for All Limit Switches.
Model Number Structure
Model Number Legend
å`HL-5ņņ
(1)(2)
(1) Actuators
000: Roller lever
030: Adjustable roller lever
050: Adjustable rod lever
100: Sealed plunger
200: Sealed roller plunger
300: Coil spring
(2) Ground Terminal Specifications
Blank : Without ground terminal
G
: With ground terminal/M5 tapping on the rear side
Ordering Information
* HL-5000 Limit Switches are offered with a choice of ground terminal/M5
tapping on the rear side conforming to various standards. When placing an
order, add the code to the model number to indicate if ground terminal/M5
tapping on the rear side is required.
-G: with ground terminal/M5 tapping on the rear side.
Specifications
Approved Standards
Note: Ask your OMRON representative for information on approved models.
Ratings
Note: 1. The above figures are for steady-state currents.
2. Inductive loads have a power factor of 0.4 min. (AC) and a time
constant of 7 ms max. (DC).
3. Lamp load has an inrush current of 10 times the steady-state current.
4. Motor load has an inrush current of 6 times the steady-state current.
Approved Standard Ratings
CCC (GB14048.5)
Actuator
Model
Roller lever
HL-5000 *
Adjustable
roller lever
HL-5030 *
Adjustable
rod lever
HL-5050 *
Sealed
plunger
HL-5100 *
Sealed roller
plunger
HL-5200
Coil spring
HL-5300
(Not all combinations are possible. Ask
your OMRON representative for details.)
HL-5
@@
Agency
Standard
File No.
CCC (CQC)
GB14048.5
2003010303077624
Rated
voltage
Non-inductive load (A)
Inductive load (A)
Resistive
load
Lamp load
Inductive
load
Motor load
NC
NO
NC
NO
NC
NO
NC
NO
125 VAC
51.5
0.7
32
1
250 VAC
5
1
0.5
3
1.5
0.8
12 VDC
53
43
24 VDC
53
43
125 VDC
0.4
0.2
−−
250 VDC
0.4
0.2
−−
Inrush
current
NC
24 A max.
NO
12 A max.
Applicable category and ratings
AC-15 3 A/250 VAC


Número de pieza similar - HL-5200

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Omron Electronics LLC
HL-5050G OMRON-HL-5050G Datasheet
598Kb / 6P
   Economical, Miniature Limit Switch Boasting Rigid Construction
More results

Descripción similar - HL-5200

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Omron Electronics LLC
HL-5050G OMRON-HL-5050G Datasheet
598Kb / 6P
   Economical, Miniature Limit Switch Boasting Rigid Construction
logo
Honeywell Solid State E...
002381 HONEYWELL-002381 Datasheet
1Mb / 9P
   MICRO SWITCH Miniature Precision Limit Switches
05/19
914CE HONEYWELL-914CE Datasheet
1Mb / 9P
   MICRO SWITCH Miniature Precision Limit Switches
logo
Greystone Energy System...
THDR GREYSTONE-THDR Datasheet
267Kb / 2P
   RIGID DUCT AVERAGE HIGH LIMIT THERMOSTAT
TLDR GREYSTONE-TLDR Datasheet
277Kb / 2P
   RIGID DUCT AVERAGE LOW LIMIT THERMOSTAT
logo
Highly Electric Co., Lt...
EFM-L-3-20 HIGHLY-EFM-L-3-20 Datasheet
1Mb / 4P
   EFM SERIES MINIATURE METAL SAFETY LIMIT SWITCH
logo
Honeywell Accelerometer...
GLCA01A4J HONEYWELL-ACC-GLCA01A4J Datasheet
142Kb / 1P
   LIMIT SWITCH
logo
Highly Electric Co., Lt...
AH8111 HIGHLY-AH8111 Datasheet
1Mb / 4P
   LIMIT SWITCH
WL5101 HIGHLY-WL5101 Datasheet
1Mb / 4P
   LIMIT SWITCH
logo
Omron Electronics LLC
D4MC-2020 OMRON-D4MC-2020 Datasheet
714Kb / 7P
   Economical, High Utility Enclosed Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com