Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SSA-24C668 Datasheet(PDF) 1 Page - Tyco Electronics

No. de pieza SSA-24C668
Descripción Electrónicos  Multifunction, Digital Time Delay Relay/Counter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

SSA-24C668 Datasheet(HTML) 1 Page - Tyco Electronics

  SSA-24C668 Datasheet HTML 1Page - Tyco Electronics SSA-24C668 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1211
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
P&B
Catalog 1308242
Issued 3-03
O
NC
N
A
1
1
1
H
1.88
(47.8)
1.88
(47.8)
2.83
(71.9)
.32
(8.1)
1.76
(44.7)
.64
(16.3)
3.15
(80.0)
CNT series
Multifunction, Digital
Time Delay Relay/Counter
• 10 programmable timing modes + 2 counting modes
• 0.1 sec. to 9,990 hr. programmable timing range
• 1 to 99,900 counting range
• LCD digital display
• Universal (24-240VAC/VDC) and fixed input types
• 10A output relay with DPDT contacts
• Thumbwheel switches for programming
File E22575
File LR15734
Timing and Counting Modes
See the following page for a complete description of all program-
mable timing and counting modes.
Timing Specifications
Timing Ranges: 0.1 to 99.9 / 1 to 999 sec.; 0.1 to 99.9 / 1 to 999 min.;
0.1 to 99.9 / 1 to 999 / 10 to 9,990 hr.
Timing Adjustment: Digital adjustment via thumbwheel switches.
Tolerance:
±0.5% ±0.05 sec.
Delta Time (for AC units add
±1 cycle 60 Hz.): ±0.1% ±0.05 sec.
Repeatability (Including first cycle of operation.):
±0.1% ±0.05 sec.
Reset Time (power interruption): 45 ms, typ.; 60 ms, max.
Minimum Pulse Width, Control: 50 ms.
Recycle Time: 45 ms, typ.; 60 ms, max.
Counting Specifications
Maximum Count: 1 to 999; 10 to 9,990 (
÷10); 100 to 99,900 (÷100).
Maximum Count Rate: 100 counts per second.
Mimumum Pulse Width:Count (Control): 3 ms.; Reset: 3 ms.
Available Counting Functions: Operate at preset count and release at
preset count.
Contact Data @ 25
°C
Arrangements: 2 Form C (DPDT).
Material: Silver-cadmium oxide alloy.
Rating: 10A @ 30VDC or 277VAC, resistive; 1/2 HP @ 250VAC; 1/3 HP @
120VAC.
Expected Mechanical Life: 10 million operations.
Expected Electrical Life: 100,000 operations, min., at rated load.
Initial Dielectric Strength
Between Open Contacts: 1,000V rms, 60 Hz.
Between All Other Conductors: 1,500V rms, 60Hz.
Ordering Information – Authorized distributors are more likely to stock boldface items listed below.
Input Data @ 25
°C
Voltage: Universal Input Type: 24 - 240V
±15%, 50/60 Hz. AC or DC.
Fixed Input Types: 120VAC
±15%, 50/60 Hz and 12VDC.
Power Requirement:
Universal Input Type: 10VA @ 240VAC; 5VA @ 120VAC; 1VA @ 24VAC.
10W @ 240VDC; 5W @ 120VDC; 1W @ 24VDC.
Fixed Input Types: 3VA @ 120VAC; 3W @ 12VDC.
Transient Protection: Yes.
Reverse Voltage Protection: Yes.
Outline Dimensions
Wiring Diagrams (Bottom Views)
(pins numbered clockwise from keyway)
* Note: Input polarity for DC operation. For most reliable operation on AC, connect high side
to “+” and low side to “–”.
** Important: A dry circuit switch is recommended. A “dry circuit” switch is one rated to
reliably switch currents of less than 50mA. Use of a switch rated for other
than dry circuit may result in failure of the time delay relay to function properly.
Fits 1.77 x 1.77 (45 x 45)
Panel cutout
Universal Input Model
Input Voltage
Part Number
24-240VAC/VDC
CNT-35-96
Fixed Input Models
Input Voltage
Part Number
12VDC
CNT-35-26
120VAC
CNT-35-76
INPUT*
111
+
_
RETURN
CONTROL
RESET
USE SAME
FOR RESET
Accessories
Part Number
Name
Description
SSA-24C667
Mounting Clip
Ratchet-fit clip slides onto CNT from behind
to secure CNT in panel mount applications.
SSA-24C668 Protective Cover
Clear, flexible cover slips snugly over bezel of
CNT to help protect against dust and moisture.
Durable cover also helps prevent inadvertant
changes of programming switch settings.
Mechanical Data
Termination: 11-pin octal style plug.
Enclosure: Beige plastic 1/16 DIN case.
Sockets: Fits either 27E123 or 27E892 (snap-on) screw terminal sockets.
Weight: 4.3 oz. (122g) approximately.
External Control: CONTROL, RESET: Active on contact closure or solid
state switch closure to RETURN, 0-1.0VDC maximum
voltage level (see wiring diagrams for interface circuits.
Environmental Data
Temperature Range: Storage: -20
°C to +70°C.
Operating: -10
°C to +55°C.
Humidity: 85% relative humidity, non-condensing.
Input Voltages & Limits @ 25
°C
Input
Nominal
Minimum
Maximum
Type
Voltage
Voltage
Voltage
Universal
24-240VAC/VDC
20.4VAC/VDC
276VAC/VDC
Fixed
120VAC
102VAC
138VAC
12VDC
10.2VDC
13.8VDC
Note: DC voltage must be filtered (5% p-p ripple max. at nom. voltage).
AC models will operate on 50 or 60 Hz.
INPUT*
111
+
_
RETURN
RESET
CONTROL
(COUNT)
EXTERNAL CONTROL SWITCHES**
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that user also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.


Número de pieza similar - SSA-24C668

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
SSA-24C668 MACOM-SSA-24C668 Datasheet
58Kb / 2P
   Multifunction, Digital Time Delay Relay/Counter
More results

Descripción similar - SSA-24C668

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
CNT MACOM-CNT Datasheet
58Kb / 2P
   Multifunction, Digital Time Delay Relay/Counter
CNT-35-96 MACOM-CNT-35-96 Datasheet
58Kb / 2P
   CNT series Multifunction, Digital Time Delay Relay/Counter
3RP1525-1AP30 MACOM-3RP1525-1AP30 Datasheet
203Kb / 3P
   Multifunction Solid State DIN Mount Time Delay Relay
3RP1505-1BQ30 MACOM-3RP1505-1BQ30 Datasheet
203Kb / 3P
   Multifunction Solid State DIN Mount Time Delay Relay
logo
Littelfuse
TRU LITTELFUSE-TRU Datasheet
491Kb / 2P
   Time Delay Relays / Multifunction
2018 Rev: 1-A-032318
TRDU LITTELFUSE-TRDU Datasheet
838Kb / 3P
   Time Delay Relays Multifunction
2016
logo
Tyco Electronics
3RP1525-1AQ30 MACOM-3RP1525-1AQ30 Datasheet
203Kb / 3P
   Multifunction Solid State DIN Mount Time Delay Relay
3RP1505-1AQ30 MACOM-3RP1505-1AQ30 Datasheet
203Kb / 3P
   Multifunction Solid State DIN Mount Time Delay Relay
3RP1505-1BW30 MACOM-3RP1505-1BW30 Datasheet
203Kb / 3P
   Multifunction Solid State DIN Mount Time Delay Relay
3RP1 MACOM-3RP1 Datasheet
203Kb / 3P
   Multifunction Solid State DIN Mount Time Delay Relay
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com